Nombre de pieza
         Descripción
KA3882

 SMPS CONTROLLER ( 5 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
KA3882/3/4/5
SMPS CONTROLLER
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 15V, RT = 10K
`, CT = 3.3nF, TA = 0Îto + 85Î, Unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Output Current
IO
+ 1
A
Analog Inputs (pin 2, 3)
VI(ANA)
- 0.3 to 6.3
V
Error Amp. Output Sink Current
ISINK(EA)
10
mA
Power Dissipation
PD
1W
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
REFERENCE SECTION
Output Voltage
VREF
TJ = 25
Î, IO = 1mA
4.9
5.0
5.1
V
Line Regulation
LVREF
VCC = 12V to 25V
ï
620
mV
Load Regulation
LVREF
IO = 1mA to 20mA
ï
625
mV
Output Short Circuit
ISC
Ta = 25
Î
ï
- 100
- 180
mA
OSILLATOR SECTION
Initial Accuracy
FOSC
TJ = 25
Î
47
52
57
KHz
Voltage Stability
STV
VCC = 12V to 25V
ï
0.2
1
%
Amplitude
VOSC
VPIN4, Peak to Peak
ï
1.7
ï
V
Discharge Current
IDISCHG
TJ = 25
Î, Pin4 = 2V
7.8
8.3
8.8
mA
CURRENT SENSE SECTION
Gain
GV
(NOTE 2, 3)
2.85
3
3.15
V/V
Maximum Input Signal
VI(MAX)
VPIN1 = 5V(NOTE 2)
0.9
1.0
1.1
V
PSRR
PSRR
VCC = 12V to 25V
(NOTE 1, 2)
ï
70
ï
dB
Input Bias Current
IBIAS
ïï
- 2
-10
uA
Delay to Output
TD
VPIN3 = 0V to 2V (NOTE1)
ï
100
200
ns
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L6565QUASI-RESONANT SMPS CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA7500BSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3525ASMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl