|
| KA7500B |
|
||
|
FAIRCHILD |
|
6 page
KA7500B 6 Mechanical Dimensions (Continued) Package 0.70 ±0.20 0.0275 ±0.008 #1 #8 #9 #16 5.72 0.225 1.55 ±0.10 0.061 ±0.004 0.05 0.002 6.00 ±0.30 0.236 ±0.012 3.95 ±0.20 0.156 ±0.008 1.80 0.071 MAX MIN 16-SOP |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| L6565 | QUASI-RESONANT SMPS CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| KA3846 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| KA3882 | SMPS CONTROLLER | 1 2 3 4 5 | Fairchild Semiconductor |
| ICE2A0565 | Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS | 1 2 3 4 5 More | Infineon Technologies AG |
| KA7500C | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| ICE3A0365 | Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS | 1 2 3 4 5 More | Infineon Technologies AG |
| KA7515 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| TL494 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| UC3525A | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| UC3842 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |