Nombre de pieza
         Descripción
KA7500C

 SMPS Controller ( 8 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
KA7500C
2
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
42
V
Collector Supply Voltage
VC
42
V
Output Current
IO
250
mA
Amplifier Input Voltage
VIN
VCC +0.3
V
Power Dissipation (TA = 25
°C)
PD
1 (KA7500C)
0.9 (KA7500CD)
W
Operating Temperature Range
TOPR
-25 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Junction Temperature
Tj
125
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
VCC
7.0
15
40
V
Collector Output Voltage
VC1,VC2
-30
40
V
Collector Output Current (Each Transistor)
IC1,IC2
-
-
200
mA
Amplifier Input Voltage
VIN
0.3
-
VCC-2.0
V
Current Into Feedback Terminal
Ifb
--
0.3
mA
Reference Output Current
Iref
--
10
mA
Timing Resistor
RT
1.8
30
500
ΚΩ
Timing Capacitor
CT
0.0047
0.001
10
uF
Oscillator Frequency
fosc
1.0
40
200
kHz
PWM Input Voltage (Pins3, 4, 13)
-
0.3
-
5.3
V
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L6565QUASI-RESONANT SMPS CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA3882SMPS CONTROLLER 1 2 3 4 5 Fairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500BSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3525ASMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl