Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA7577 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza KA7577
Descripción Electrónicos  SMPS Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7577 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA7577 Datasheet HTML 1Page - Fairchild Semiconductor KA7577 Datasheet HTML 2Page - Fairchild Semiconductor KA7577 Datasheet HTML 3Page - Fairchild Semiconductor KA7577 Datasheet HTML 4Page - Fairchild Semiconductor KA7577 Datasheet HTML 5Page - Fairchild Semiconductor KA7577 Datasheet HTML 6Page - Fairchild Semiconductor KA7577 Datasheet HTML 7Page - Fairchild Semiconductor KA7577 Datasheet HTML 8Page - Fairchild Semiconductor KA7577 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KA7577
4
Electrical Characteristics
(VCC=18V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OVER VOLTAGE PROTECTION SECTION
OVP Terminal Threshold Voltage
VTH(OVP)
-1.0
1.4
1.8
V
OVP Terminal Input Current
II(OVP)
--
1.2
3.6
µA
OVP Cancellation Voltage
VCC(OVPC)
-7.6
8.6
-
V
Difference Voltage Between
Operating Stop and OVP Cancellation
∆VCC(OVP)
-
0.65
1.3
-
V
TIMER SECTION
Timer Frequency
f(TIMER)
-
0.27
0.4
0.6
Hz
Timer Charge Current
ICHG(TIMER)
TA = -5
°C
TA = 25
°C
TA = 85
°C
-193
-178
-147
-138
-127
-105
-102
-94
-78
µA
Off Time/On Time Ratio
K
-
7.0
8.7
11.0
-
CURRENT LINITTING SECTION
CLM( - ) Terminal Threshold Voltage
VTH(CLM - )
TA = - 5 to + 85
°C
-220
-200
-180
mV
CLM( - ) Terminal Source Current
ISOURCE(CLM - )
V(CLM - )
-170
-125
-90
µA
CLM( - ) Terminal Duty Time
tD(CLM - )
170
nS
CLM(+ ) Terminal Threshold Voltage
VTH(CLM +)
TA = - 5 to + 85
°C
180
200
220
mV
CLM(+ ) Terminal Source Current
ISOURCE(CLM +)
V(CLM +) = 0V
-270
-205
-140
µA
CLM(+ ) Terminal Duty Time
tD(CLM +)
-
-
-
130
nS
OSCILLATOR SECTION
Operation Frequency
f
RT-ON = 17K
RT-OFF = 20K
CF = 220pF
TA = - 5 to + 85
°C
170
188
208
KHz
Maximum On Duty
DON(MAX)
TA = - 5 to + 85
°C47
50
53
%
Upper Limit Voltage of Oscillation
Waveform
VL(OSC)
-
3.97
4.37
4.77
V
Lower Limit Voltage of
Oscillation Waveform
VL(OSC)
-
1.76
1.96
2.16
V
Voltage Difference Between
Upper Limit and Lower Limit
∆V(OSC)
-
2.11
2.41
2.71
V
VF SECTION
OSC. Frequency at CLM Operating
fVF
VVF = 5V, RT-ON = 17K
RT-OFF = 20K
CF = 220pF
170
188
207
KHz
VF = 2V, RT-ON = 17V
RT-OFF = 20K
CF = 220pF
108
124
143
KHz


Número de pieza similar - KA7577

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KA7500 ETC2-KA7500 Datasheet
630Kb / 6P
   Variable Dead-Time Provides Control over Total Range Internal
logo
Estek Electronics Co. L...
KA7500 ESTEK-KA7500 Datasheet
630Kb / 6P
   single monolithic chip
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
logo
Fairchild Semiconductor
KA7500B FAIRCHILD-KA7500B Datasheet
59Kb / 8P
   SMPS Controller
logo
Samsung semiconductor
KA7500BD SAMSUNG-KA7500BD Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
More results

Descripción similar - KA7577

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com