Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78R08 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza KA78R08
Descripción Electrónicos  Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R08 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  KA78R08 Datasheet HTML 1Page - Fairchild Semiconductor KA78R08 Datasheet HTML 2Page - Fairchild Semiconductor KA78R08 Datasheet HTML 3Page - Fairchild Semiconductor KA78R08 Datasheet HTML 4Page - Fairchild Semiconductor KA78R08 Datasheet HTML 5Page - Fairchild Semiconductor KA78R08 Datasheet HTML 6Page - Fairchild Semiconductor KA78R08 Datasheet HTML 7Page - Fairchild Semiconductor KA78R08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
KA78R08
7
Ordering Information
Product Number
Package
Operating Temperature
KA78R08
TO-220F-4L
-20
°C to + 80°C


Número de pieza similar - KA78R08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
KA78R08 TOSHIBA-KA78R08 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Fairchild Semiconductor
KA78R08C FAIRCHILD-KA78R08C Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R08CTSTU FAIRCHILD-KA78R08CTSTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R08CTSTU FAIRCHILD-KA78R08CTSTU Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

Descripción similar - KA78R08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com