Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KA78L10AZ Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
KA78L10AZ Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 16 page KA78LXXA/KA78L05AA 5 Electrical Characteristics(KA78L09A) (Continued) (VI = 15V, IO = 40mA, 0 °C ≤ TJ ≤ 125°C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note1) Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25 °C 8.64 9.0 9.36 V Line Regulation (Note1) ∆VO TJ = 25 °C 11.5V ≤ VI ≤ 24V - 90 200 mV 13V ≤ VI ≤ 24V - 100 150 mV Load Regulation (Note1) ∆VO TJ = 25 °C 1mA ≤ IO ≤ 100mA - 20 90 mV 1mA ≤ IO ≤ 40mA - 10 45 mV Output Voltage VO 11.5V ≤ VI ≤ 24V 1mA ≤ IO ≤ 40mA 8.55 - 9.45 V 11.5V ≤ VI ≤ VMAX (Note 2) 1mA ≤ IO ≤ 70mA 8.55 - 9.45 V Quiescent Current IQ TJ = 25 °C- 2.1 6.0 mA Quiescent Current Change With Line ∆IQ 13V ≤ VI ≤ 24V - - 1.5 mA With Load ∆IQ 1mA ≤ IO ≤ 40mA - - 0.1 mA Output Noise Voltage VN TA = 25 °C, 10Hz ≤ f ≤ 100kHz - 70 - µV/Vo Temperature Coefficient of VO ∆VO/∆TIO = 5mA - -0.9 - mV/ °C Ripple Rejection RR f = 120Hz, 12V ≤ VI ≤ 22V, TJ = 25°C38 44 - dB Dropout Voltage VD TJ = 25 °C- 1.7 - V |
Número de pieza similar - KA78L10AZ |
|
Descripción similar - KA78L10AZ |