Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD33GA5MEFJ-ME2 Datasheet(PDF) 3 Page - Rohm |
|
BD33GA5MEFJ-ME2 Datasheet(HTML) 3 Page - Rohm |
3 / 24 page 3/21 BDxxGA5MEFJ-M Datasheet TSZ02201-0R6R0AN00230-1-2 2012.8.31 Rev.001 © 2012 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 ●Block Diagram BD00GA5MEFJ-M BDxxGA5MEFJ-M (Fixed type) ●Pin Configuration ●Pin Description Pin No. Pin name Pin Function 1 VO Output pin 2 FB/Vo_s Feedback pin 3 GND GND pin 4 N.C. Non Connection (Used to connect GND or OPEN state.) 5 EN Enable pin 6 N.C. Non Connection (Used to connect GND or OPEN state.) 7 N.C. Non Connection (Used to connect GND or OPEN state.) 8 VCC Input pin Reverse FIN Substrate(Connect to GND) Fig.1 Block Diagram Fig.2 Block Diagram (Fixed type) FIN GND EN Ceramic Capacitor VO VCC VO_S Ceramic Capacitor ≧ 1.0 μF ≧ 1.0 μF 4.5~14.0V TSD 8 1 3 5 2 OCP SOFT START GND EN TSD 8 1 3 5 2 OCP SOFT START Ceramic Capacitor Vo VCC FB R1 R2 Ceramic Capacitor ≧ 1.0 μF ≧ 1.0 μF 1.5V to 13.0V (VO+0.90) to 14.0V TOP VIEW VO GND N.C. N.C. N.C. EN VCC FB/Vo_s |
Número de pieza similar - BD33GA5MEFJ-ME2 |
|
Descripción similar - BD33GA5MEFJ-ME2 |