Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78M10R Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza KA78M10R
Descripción Electrónicos  3-terminal 0.5A positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M10R Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KA78M10R Datasheet HTML 4Page - Fairchild Semiconductor KA78M10R Datasheet HTML 5Page - Fairchild Semiconductor KA78M10R Datasheet HTML 6Page - Fairchild Semiconductor KA78M10R Datasheet HTML 7Page - Fairchild Semiconductor KA78M10R Datasheet HTML 8Page - Fairchild Semiconductor KA78M10R Datasheet HTML 9Page - Fairchild Semiconductor KA78M10R Datasheet HTML 10Page - Fairchild Semiconductor KA78M10R Datasheet HTML 11Page - Fairchild Semiconductor KA78M10R Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
KA78MXX
8
Electrical Characteristics (KA78M18/KA78M18R)
(Refer to the test circuits, 0
≤ TJ ≤ +125°C, IO=350mA, VI =26V, unless otherwise specified, CI = 0.33µF, CO=0.1µF)
Notes:
*Load and line regulation are specified at constant, junction temperature. Change in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ=+25
°C
17.3
18
18.7
V
IO = 5 to 350mA
VI= 20.5 to 33V
17.1
18
18.9
Line Regulation
∆VO
IO = 200mA
TJ =+25
°C
VI= 21 to 33V
-
-
100
mV
VI = 24 to 33V
-
-
50
Load Regulation
∆VΟ
IO = 5mA to 0.5A, TJ =+25
°C
-
-
360
mV
IO = 5mA to 200mA, TJ =+25
°C
-
-
180
Quiescent Current
IQ
TJ =+25
°C-
4.2
6
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 21 to 33V
--
0.8
Output Voltage Drift
∆V/∆TIO =5mATJ =0 to 125°C-
−1.1
-
mV/
°C
Output Noise Voltage
VN
f=10Hz to 100KHz
-
100
-
µV
Ripple Rejection
RR
f=120Hz, IO=300mA , VI=22 to 32V
53
-
-
dB
Dropout Voltage
VD
TJ =+25
°C, IO=500mA
-
2
-
V
Short Circuit Current
ISC
TJ =+25
°C, VI=35V
-
300
-
mA
Peak Current
IPK
TJ =+25
°C
-
700
-
mA


Número de pieza similar - KA78M10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA78M12 FAIRCHILD-KA78M12 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M12R FAIRCHILD-KA78M12R Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M15 FAIRCHILD-KA78M15 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M18 FAIRCHILD-KA78M18 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

Descripción similar - KA78M10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com