Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD45302 Datasheet(PDF) 2 Page - Rohm |
|
BD45302 Datasheet(HTML) 2 Page - Rohm |
2 / 16 page Datasheet Datasheet 2/13 BD45xxx series BD46xxx series TSZ02201-0R7R0G300010-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 18.Dec.2012 Rev.005 www.rohm.com TSZ22111・15・001 ●Ordering Information ●Lineup Table 1. Open Drain Output Type Counter Timer Delay Time Settings 50ms 100ms 200ms Detection Voltage Marking Part Number Marking Part Number Marking Part Number 4.8V T0 BD45485 TS BD45481 UJ BD45482 4.7V T1 BD45475 TT BD45471 UK BD45472 4.6V T2 BD45465 TU BD45461 UL BD45462 4.5V T3 BD45455 TV BD45451 UM BD45452 4.4V T4 BD45445 TW BD45441 UN BD45442 4.3V T5 BD45435 TX BD45431 UP BD45432 4.2V T6 BD45425 TY BD45421 UQ BD45422 4.1V T7 BD45415 TZ BD45411 UR BD45412 4.0V T8 BD45405 U0 BD45401 US BD45402 3.9V T9 BD45395 U1 BD45391 UT BD45392 3.8V TA BD45385 U2 BD45381 UU BD45382 3.7V TB BD45375 U3 BD45371 UV BD45372 3.6V TC BD45365 U4 BD45361 UW BD45362 3.5V TD BD45355 U5 BD45351 UX BD45352 3.4V TE BD45345 U6 BD45341 UY BD45342 3.3V TF BD45335 U7 BD45331 UZ BD45332 3.2V TG BD45325 U8 BD45321 V0 BD45322 3.1V TH BD45315 U9 BD45311 V1 BD45312 3.0V TJ BD45305 UA BD45301 V2 BD45302 2.9V TK BD45295 UB BD45291 V3 BD45292 2.8V TL BD45285 UC BD45281 V4 BD45282 2.7V TM BD45275 UD BD45271 V5 BD45272 2.6V TN BD45265 UE BD45261 V6 BD45262 2.5V TP BD45255 UF BD45251 V7 BD45252 2.4V TQ BD45245 UG BD45241 V8 BD45242 2.3V TR BD45235 UH BD45231 V9 BD45232 Direction of feed Reel ∗Order quantity needs to be multiple of the minimum quantity. <Tape and Reel information> Embossed carrier tape Tape Quantity Direction of feed The direction is the 1pin of product is at the upper right when you hold reel on the left hand and you pull out the tape on the right hand 3000pcs TR () 1pin (Unit : mm) SSOP5 2.9 ±0.2 0.13 4° +6° −4° +0.05 −0.03 0.42 +0.05 −0.04 0.95 5 4 12 3 0.1 S S B D xxxx x x - T R Part Output Type Reset Voltage Value Counter Timer Package Packaging and Number 45 : Open Drain 23 : 2.3V Delay Time Settings G : SSOP5 forming specification 46 : CMOS 0.1V step 5 : 50ms TR : Embossed tape 48 : 4.8V 1 : 100ms and reel 2 : 200ms |
Número de pieza similar - BD45302 |
|
Descripción similar - BD45302 |