Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX79-C4V3 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
BZX79-C4V3 Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 10 page Table 1 Per type, BZX79-B/C2V4 to BZX79-B/C24 Tj = 25 °C unless otherwise specified. BZX79- Bxxx Cxxx WORKING VOLTAGE VZ (V) at IZtest = 5 mA DIFFERENTIAL RESISTANCE rdif (Ω) TEMP. COEFF. SZ (mV/K) at IZtest = 5 mA (see Figs 5 and 6) DIODE CAP. Cd (pF) at f = 1 MHz; VR = 0 V NON-REPETITIVE PEAK REVERSE CURRENT IZSM (A) at tp = 100 μs; Tamb = 25 °C Tol. ±2% (B) Tol. approx. ±5% (C) at IZtest = 1 mA at IZtest = 5 mA MIN. MAX. MIN. MAX. TYP. MAX. TYP. MAX. MIN. TYP. MAX. MAX. MAX. 2V4 2.35 2.45 2.2 2.6 275 600 70 100 −3.5 −1.6 0 450 6.0 2V7 2.65 2.75 2.5 2.9 300 600 75 100 −3.5 −2.0 0 450 6.0 3V0 2.94 3.06 2.8 3.2 325 600 80 95 −3.5 −2.1 0 450 6.0 3V3 3.23 3.37 3.1 3.5 350 600 85 95 −3.5 −2.4 0 450 6.0 3V6 3.53 3.67 3.4 3.8 375 600 85 90 −3.5 −2.4 0 450 6.0 3V9 3.82 3.98 3.7 4.1 400 600 85 90 −3.5 −2.5 0 450 6.0 4V3 4.21 4.39 4.0 4.6 410 600 80 90 −3.5 −2.5 0 450 6.0 4V7 4.61 4.79 4.4 5.0 425 500 50 80 −3.5 −1.4 0.2 300 6.0 5V1 5.00 5.20 4.8 5.4 400 480 40 60 −2.7 −0.8 1.2 300 6.0 5V6 5.49 5.71 5.2 6.0 80 400 15 40 −2.0 1.2 2.5 300 6.0 6V2 6.08 6.32 5.8 6.6 40 150 6 10 0.4 2.3 3.7 200 6.0 6V8 6.66 6.94 6.4 7.2 30 80 6 15 1.2 3.0 4.5 200 6.0 7V5 7.35 7.65 7.0 7.9 30 80 6 15 2.5 4.0 5.3 150 4.0 8V2 8.04 8.36 7.7 8.7 40 80 6 15 3.2 4.6 6.2 150 4.0 9V1 8.92 9.28 8.5 9.6 40 100 6 15 3.8 5.5 7.0 150 3.0 10 9.80 10.20 9.4 10.6 50 150 8 20 4.5 6.4 8.0 90 3.0 11 10.80 11.20 10.4 11.6 50 150 10 20 5.4 7.4 9.0 85 2.5 12 11.80 12.20 11.4 12.7 50 150 10 25 6.0 8.4 10.0 85 2.5 13 12.70 13.30 12.4 14.1 50 170 10 30 7.0 9.4 11.0 80 2.5 15 14.70 15.30 13.8 15.6 50 200 10 30 9.2 11.4 13.0 75 2.0 16 15.70 16.30 15.3 17.1 50 200 10 40 10.4 12.4 14.0 75 1.5 18 17.60 18.40 16.8 19.1 50 225 10 45 12.4 14.4 16.0 70 1.5 20 19.60 20.40 18.8 21.2 60 225 15 55 12.3 15.6 18.0 60 1.5 22 21.60 22.40 20.8 23.3 60 250 20 55 14.1 17.6 20.0 60 1.25 24 23.50 24.50 22.8 25.6 60 250 25 70 15.9 19.6 22.0 55 1.25 |
Número de pieza similar - BZX79-C4V3 |
|
Descripción similar - BZX79-C4V3 |