Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM4270IM8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza KM4270IM8
Descripción Electrónicos  Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4270IM8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KM4270IM8 Datasheet HTML 1Page - Fairchild Semiconductor KM4270IM8 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pr
eliminary
Preliminary
February 2001
KM4270
Dual, Low Cost, +2.7V and +5V,
Rail-to-Rail I/O Amplifier
Product Brief
Features at 2.7V
I
160
µA supply current per amplifier
I
4.9MHz bandwidth
I
Output swings to within 20mV of either rail
I
Input voltage range exceeds the rail by >250mV
I
5.3V/
µs slew rate
I
35mA short circuit output current
I
24nV/
√Hz input voltage noise
I
Directly replaces MAX4126, OPA2340, LMV822,
and TLV2462 in single supply applications
I
Available in SOIC and MSOP package options
Applications
I
Portable/battery-powered applications
I
PCMCIA, USB
I
Mobile communications, cellular phones, pagers
I
Notebooks and PDA’s
I
Sensor Interface
I
A/D buffer
I
Active filters
I
Signal conditioning
I
Portable test instruments
General Description
The KM4270 is a dual ultra-low cost, low power,
voltage feedback amplifier. At 5V, the KM4270 uses
only 160
µA of supply current per amplifier and is
designed to operate from a supply range of 2.5V to
5.5V. The input voltage range exceeds the negative
and positive rails. The KM4170 (single) and KM4470
(quad) are also available.
The KM4270 offers high bipolar performance at a low
CMOS price. The KM4270 offers superior dynamic
performance with a 4.9MHz small signal bandwidth
and 5.3V/
µs slew rate. The combination of low power,
high bandwidth, and rail-to-rail performance make
the KM4270 well suited for battery-powered com-
munication/computing systems.
© 2001 Fairchild Semiconductor
Corporation
www.fairchildsemi.com
Patents Pending
Outperforms the competition in
single-supply applications at a
lower cost!
Advertised 5V
KM4270
Competitors
Units
Specifications
A
B
C
D
G = 1 BW
4.3
5
5.5
5.6
6.4
MHz
Noise
27
22
25
24
11
nV/
√Hz
Slew rate
9
2
6.0
2
1.6
V/
µs
Supply current
160
850
750
250
550
µA
Available Packages
Ordering Information
Part No.
Package
Container
Pack Qty
Eval Bd*
KM4270IC8
SOIC-8
Rail
95
KEB006
KM4270IC8TR3
SOIC-8
Reel
2500
KEB006
KM4270IM8
MSOP-8
Rail
50
KEB010
KM4270IM8TR3
MSOP-8
Reel
4000
KEB010
Temperature range for all parts: -40°C to +85°C.
* Evaluation boards are available to aid in the evaluation of these products. See the full
data sheet or website for complete information.
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP
MSOP-8
(not actual size)
SOIC-8
(not actual size)


Número de pieza similar - KM4270IM8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KM4270IM8TR3 FAIRCHILD-KM4270IM8TR3 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
More results

Descripción similar - KM4270IM8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
   Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com