Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3-1462000-0 Datasheet(PDF) 7 Page - Tyco Electronics |
|
3-1462000-0 Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 9 page General data Operate time at U nom typ. / max. Release time without diode in parallel (non-latching), typ. / max. Release time with diode in parallel (non-latching), typ. / max. Bounce time at closing contact, typ. / max. Maximum switching rate without load Ambient temperature Thermal resistance Maximum permissible coil temperature Vibration resistance (function) Shock resistance, half sinus, 11 ms Degree of protection Needle flame test Mounting position Processing information Weight (mass) Terminal surface Resistance to soldering heat 4 ms / 5 ms 1 ms / 3 ms 4 ms / 6 ms 1 ms / 5 ms 50 operations/s -55° C ... +85° C < 85 K/W 115° C 10 G 10 to 500 Hz 10 G / 30 G (function) 30 G (damage) immersion cleanable, IP 67 application time 10 s, any Ultrasonic cleaning is not recommended max. 5 g SnCu 0.7 260° C / 10 s All data refers to 23° C unless otherwise specified. MT2 Relay Tube for THT version - 25 relays per stick, 1’000 relays per box Packing Capacitance between coil and contacts between adjacent contact sets between open contacts RF Characteristics Isolation at 100 / 900 MHz Insertion loss at 100 / 900 MHz V.S.W.R. at 100 / 900 MHz max. 4 pF max. 2 pF max. 2 pF - 31.8 dB / - 14.2 dB - 0.02 dB / - 0.97 dB 1.03 / 1.31 High Frequency Data Page 7 (9) 108-98006 Rev. C Dimensions in mm |
Número de pieza similar - 3-1462000-0 |
|
Descripción similar - 3-1462000-0 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |