Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM802149UMGR Datasheet(PDF) 7 Page - Micrel Semiconductor

No. de pieza SM802149UMGR
Descripción Electrónicos  156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802149UMGR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SM802149UMGR Datasheet HTML 3Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 4Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 5Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 6Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 7Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 8Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 9Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 10Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
SM802149
March 1, 2013
7
Revision 1.1
hbwhelp@micrel.com or (408) 955-1690
Phase Noise Plots
156.25MHz LVDS Integrated Jitter 12kHz
−20MHz = 262fs
156.25MHz LVDS Integrated Jitter 1.875MHz
−20MHz = 105fs


Número de pieza similar - SM802149UMGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802141UMG MICREL-SM802141UMG Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802141UMGTR MICREL-SM802141UMGTR Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
More results

Descripción similar - SM802149UMGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
841S104I-02 RENESAS-841S104I-02 Datasheet
514Kb / 21P
   Crystal-to-HCSL 156.25MHz or 155.52MHz Clock Synthesizer
8/14/15
logo
Micrel Semiconductor
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
   ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
logo
Microchip Technology
MX553BBB156M250 MICROCHIP-MX553BBB156M250 Datasheet
1Mb / 4P
   Ultra-Low Jitter 156.25MHz LVDS XO
December 05, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Pericom Semiconductor C...
PRETHE156 PERICOM-PRETHE156 Datasheet
899Kb / 2P
   3.3V PECL 156.25MHz Ethernet VCXO
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
logo
Fox Electronics
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com