Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU45L234G-TL Datasheet(PDF) 4 Page - Rohm

No. de pieza BU45L234G-TL
Descripción Electrónicos  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU45L234G-TL Datasheet(HTML) 4 Page - Rohm

  BU45L234G-TL Datasheet HTML 1Page - Rohm BU45L234G-TL Datasheet HTML 2Page - Rohm BU45L234G-TL Datasheet HTML 3Page - Rohm BU45L234G-TL Datasheet HTML 4Page - Rohm BU45L234G-TL Datasheet HTML 5Page - Rohm BU45L234G-TL Datasheet HTML 6Page - Rohm BU45L234G-TL Datasheet HTML 7Page - Rohm BU45L234G-TL Datasheet HTML 8Page - Rohm BU45L234G-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
15
001
4/14
17.May.2013 Rev.003
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
Datasheet
Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limit
Unit
Power Supply Voltage
VDD-GND
-0.3 to +6.0
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 to +6.0
V
CMOS Output
GND-0.3 to VDD+0.3
Output Current
Io
70
mA
Power Dissipation
*1 *2
Pd
700
mW
Operating Temperature
Topr
-40 to +105
°C
Ambient Storage Temperature
Tstg
-55 to +125
°C
*1
Use above Ta=25°C results in a 7.0mW loss per degree.
*2
When mounted on ROHM standard circuit board (70mmx70mmx1.6mm, glass epoxy board).
Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Operating Voltage Range
VOPL
VOL
≤0.4V, RL=470kΩ, Ta=25~105°C
0.6
-
6.0
V
VOL
≤0.4V, RL=470kΩ, Ta=-40~25°C
0.9
-
6.0
Detection Voltage
VDET
VDD=H
L, RL=470k
*1
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET=2.5V
Ta=25°C
2.475
2.5
2.525
Ta=-40°C to 85°C
2.418
-
2.584
Ta=85°C to 105°C
2.404
-
2.597
VDET=3.0V
Ta=25°C
2.970
3.0
3.030
Ta=-40°C to 85°C
2.901
-
3.100
Ta=85°C to 105°C
2.885
-
3.117
VDET=3.3V
Ta=25°C
3.267
3.3
3.333
Ta=-40°C to 85°C
3.191
-
3.410
Ta=85°C to 105°C
3.173
-
3.428
VDET=4.2V
Ta=25°C
4.158
4.2
4.242
Ta=-40°C to 85°C
4.061
-
4.341
Ta=85°C to 105°C
4.039
-
4.364
VDET=4.8V
Ta=25°C
4.752
4.8
4.848
Ta=-40°C to 85°C
4.641
-
4.961
Ta=85°C to 105°C
4.616
-
4.987
Detection Voltage
Temperature coefficient
VDET/
∆T -40°C~105°C
-
±50
±360
ppm/°C
Hysteresis Voltage
∆VDET
VDD
L
H
L, RL=470k
VDET(T)
×0.03
VDET(T)
×0.05
VDET(T)
×0.08
V
‘High’ Output
Delay time
tPLH
CL=100pF,
RL=100k
*1,*2,* 3
BU4XXXX2G
Ta=25°C
120
200
280
ms
Ta=-40°C to 85°C
95
-
460
Ta=85°C to 105°C
85
-
235
BU4XXXX4G
Ta=25°C
240
400
560
Ta=-40°C to 85°C
190
-
920
Ta=85°C to 105°C
170
-
470
Circuit Current when ON
IDD1
VDD=VDET-0.2V, VDET=2.3V~4.8V
0.60
2.30
7.00
µA
Circuit Current when OFF
IDD2
VDD=VDET+1.0V, VDET=2.3V~4.8V
1.10
2.80
8.00
µA
‘High’ Output Voltage (Pch)
VOH
VDD=5.0V, ISOURCE= 6.8mA, VDET(4.3V to 4.8V)
VDD-0.5
-
V
‘Low’Output Voltage (Nch)
VOL
VDD=1.2V, ISINK = 2.0mA
-
-
0.3
V
VDD=2.4V, ISINK = 8.5mA, VDET(2.7V to 4.8V)
-
-
0.3
V
Leak Current when OFF
Ileak
VDD=VDS=6.0V
*1
-
-
1.0
µA
VDET(T):Standard Detection Voltage (2.3V to 4.8V, 0.1V step)
RL :Pull-up resistor to be connected between VOUT and power supply.
CL :Capacitor to be connected between VOUT and GND.
*1
Guarantee is Ta=25°C.
*2 tPLH:VDD=(VDET(T)-0.5V)
(VDET(T)+0.5V)
*3 tPLH:VDD=Please set up the rise up time between VDD=VOPL VDET more than 10µs.


Número de pieza similar - BU45L234G-TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BU4506 PHILIPS-BU4506 Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506 PHILIPS-BU4506 Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506AF PHILIPS-BU4506AF Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
logo
Inchange Semiconductor ...
BU4506AF ISC-BU4506AF Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4506AX PHILIPS-BU4506AX Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
More results

Descripción similar - BU45L234G-TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com