Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU4838 Datasheet(PDF) 3 Page - Rohm |
|
BU4838 Datasheet(HTML) 3 Page - Rohm |
3 / 16 page Datasheet 3/13 BU48xx series BU49xx series TSZ02201-0R7R0G300060-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.008 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Ordering Information B U x x x x x - T R Part Output Type Reset Voltage Value Package Packaging and Number 48 : Open Drain 09 : 0.9V G : SSOP5 forming specification 49 : CMOS 0.1V step F : SOP4 TR : Embossed tape 48 : 4.8V FVE : VSOF5 and reel FP3 : SOT89-3F (Unit : mm) SSOP5 2.9 ±0.2 0.13 4° +6° −4° +0.05 −0.03 0.42 +0.05 −0.04 0.95 5 4 1 2 3 0.1 Direction of feed Reel ∗Order quantity needs to be multiple of the minimum quantity. <Tape and Reel information> Embossed carrier tape Tape Quantity Direction of feed The direction is the 1pin of product is at the upper right when you hold reel on the left hand and you pull out the tape on the right hand 3000pcs TR ( ) 1pin (Unit : mm) SOP4 0.05 1.3 2.0 ±0.2 1 2 4 3 4° +6° –4° 0.13 +0.05 –0.03 0.32 +0.05 –0.04 0.42 +0.05 –0.04 S 0.1 S (Unit : mm) VSOF5 4 3 1.0 ±0.05 1 0.22 ±0.05 0.5 5 1.6 ±0.05 0.13 ±0.05 2 SOT89-3F 4.5 ± 0.1 (Unit : mm) 1.50 0.425 ± 0.045 0.505 ± 0.045 1 2 3 0.42 ± 0.02 |
Número de pieza similar - BU4838 |
|
Descripción similar - BU4838 |