Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78M05 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza KA78M05
Descripción Electrónicos  3-Terminal 0.5 A Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M05 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA78M05 Datasheet HTML 1Page - Fairchild Semiconductor KA78M05 Datasheet HTML 2Page - Fairchild Semiconductor KA78M05 Datasheet HTML 3Page - Fairchild Semiconductor KA78M05 Datasheet HTML 4Page - Fairchild Semiconductor KA78M05 Datasheet HTML 5Page - Fairchild Semiconductor KA78M05 Datasheet HTML 6Page - Fairchild Semiconductor KA78M05 Datasheet HTML 7Page - Fairchild Semiconductor KA78M05 Datasheet HTML 8Page - Fairchild Semiconductor KA78M05 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 1.1.0
3
Electrical Characteristics
Refer to the test circuits, 0 < TJ < +125°C, IO = 350 mA, VI = 10 V, CI = 0.33 μF, CO = 0.1 μF unless otherwise specified.
Note:
4. Load and line regulation are specified at constant junction temperature. Change in Vo due to heating effects must be
taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
4.8
5.0
5.2
V
IO = 5 mA to 350 mA,
VI = 7 V to 20 V
4.75
5.00
5.25
ΔVO
Line Regulation(4)
IO = 200 mA
TJ = +25°C
VI = 7 V to 25 V
100
mV
VI = 8 V to 25 V
50
ΔVO
Load Regulation(4)
IO = 5 mA to 0.5 A, TJ = +25°C
100
mV
IO = 5 mA to 200 mA, TJ = +25 °C50
IQ
Quiescent Current
TJ = +25°C4.0
6.0
mA
ΔIQ
Quiescent Current Change
IO = 5 mA to 350 mA
0.5
mA
IO = 200 mA,
VI = 8 V to 25 V
0.8
ΔV/ΔT
Output Voltage Drift
IO = 5 mA
TJ = 0 to +125°C
-0.5
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz
40
μV/Vo
RR
Ripple Rejection
f = 120 Hz, IO = 300 mA
VI = 8 V to 18 V, TJ = +25 °C
80
dB
VD
Dropout Voltage
TJ = +25°C, IO = 500 mA
2
V
ISC
Short-Circuit Current
TJ = +25°C, VI = 35 V
300
mA
IPK
Peak Current
TJ = +25°C700
mA


Número de pieza similar - KA78M05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA78M05 FAIRCHILD-KA78M05 Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78M05 FAIRCHILD-KA78M05 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05R FAIRCHILD-KA78M05R Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78M05R FAIRCHILD-KA78M05R Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

Descripción similar - KA78M05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com