Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78M05RTM Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza KA78M05RTM
Descripción Electrónicos  3-Terminal 0.5 A Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M05RTM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA78M05RTM Datasheet HTML 1Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 2Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 3Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 4Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 5Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 6Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 7Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 8Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 1.1.0
5
Figure 4. Circuit for Increasing Output Voltage
Figure 5. Adjustable Output Regulator (7 to 30 V)
Figure 6. 0.5 to 10 V Regulator
0.1
μF
CO
CI
0.33
μF
IO
VI
1
3
2
VXX
VO
R1
R2
IR1 ≥ 5IO
VO = VXX (1+R2/R1) +IOR2
KA78M05
LM78M05
MC78M05
0.1
μF
CO
CI
0.33
μF
VO
VI
1
3
2
10 k
Ω
3
2
4
7
6
LM741
KA78M05
LM78M05
MC78M05
0.1
μF
C2
C1
0.33
μF
VO
VI
1
3
2
10 k
Ω
3
2
4
7
6
LM741
R3
R1
VXX
R4
R5
910
Ω
9.1 k
Ω
13 V < VI < 25 V
-7 V < -VI < 17 V
_
+
VO = VXX R
1
R4
KA78M05
LM78M05
MC78M05


Número de pieza similar - KA78M05RTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

Descripción similar - KA78M05RTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com