Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSD1221 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KSD1221
Descripción Electrónicos  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1221 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSD1221 Datasheet HTML 1Page - Fairchild Semiconductor KSD1221 Datasheet HTML 2Page - Fairchild Semiconductor KSD1221 Datasheet HTML 3Page - Fairchild Semiconductor KSD1221 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Safe Operating Area
Figure 6. Power Derating
02
46
8
0
1
2
3
4
IB = 0
IB=80mA
IB = 50mA
IB = 60mA
IB = 70mA
IB = 40mA
IB = 20mA
IB = 30mA
IB =90mA
IB = 10mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
1000
VCE = 5V
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
IC = 10IB
IC[A], COLLECTOR CURRENT
0.0
0.4
0.8
1.2
1.6
0
1
2
3
4
VCE=5V
VBE[V], BASE EMITTER VOLTAGE
1
10
100
0.1
1
10
1ms
IC MAX. (DC)
DC
10ms
100ms
IC MAX. (PULSE)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
4
8
12
16
20
24
28
32
TC[
o
C], CASE TEMPERATURE


Número de pieza similar - KSD1221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSD1222 FAIRCHILD-KSD1222 Datasheet
39Kb / 4P
   Power Amplifier Applications
More results

Descripción similar - KSD1221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com