Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM3222ANZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADM3222ANZ
Descripción Electrónicos  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM3222ANZ Datasheet(HTML) 1 Page - Analog Devices

  ADM3222ANZ Datasheet HTML 1Page - Analog Devices ADM3222ANZ Datasheet HTML 2Page - Analog Devices ADM3222ANZ Datasheet HTML 3Page - Analog Devices ADM3222ANZ Datasheet HTML 4Page - Analog Devices ADM3222ANZ Datasheet HTML 5Page - Analog Devices ADM3222ANZ Datasheet HTML 6Page - Analog Devices ADM3222ANZ Datasheet HTML 7Page - Analog Devices ADM3222ANZ Datasheet HTML 8Page - Analog Devices ADM3222ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, 3.3 V, RS-232
Line Drivers/Receivers
ADM3202/ADM3222/ADM1385
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1998–2011 Analog Devices, Inc. All rights reserved.
FEATURES
460 kbps data rate
Specified at 3.3 V
Meets EIA-232E specifications
0.1 μF charge pump capacitors
Low power shutdown (ADM3222 and ADM1385)
PDIP, SOIC_N, SOIC_W, SSOP, and TSSOP options
Upgrade for MAX3222/MAX3232 and LTC1385
ESD protection to IEC 1000-4-2 (801.2)
on RS-232 pins (ADM3202 only)
±8 kV: contact discharge
±15 kV: air gap discharge
APPLICATIONS
General-purpose RS-232 data link
Portable instruments
Printers, palmtop computers, PDAs
GENERAL DESCRIPTION
The ADM3202/ADM3222/ADM1385 transceivers are high
speed, 2-channel RS-232/V.28 interface devices that operate
from a single 3.3 V power supply. Low power consumption and
a shutdown facility (ADM3222/ADM1385) make them ideal for
battery-powered portable instruments.
The ADM3202/ADM3222/ADM1385 parts conform to the
EIA-232E and CCITT V.28 specifications and operate at data
rates up to 460 kbps.
Four external 0.1 μF charge pump capacitors are used for the
voltage doubler/inverter, permitting operation from a single
3.3 V supply.
The ADM3222 contains additional enable and shutdown
circuitry. The EN input can be used to three-state the receiver
outputs. The SD input is used to power down the charge pump
and transmitter outputs, reducing the quiescent current to less
than 0.5 μA. The receivers remain enabled during shutdown
unless disabled using EN.
The ADM1385 contains a driver disable mode and a complete
shutdown mode.
The ADM3202 is available in a 16-lead PDIP, SOIC_W, and
SOIC_N, as well as a space-saving 16-lead TSSOP. The ADM3222
is available in 18-lead PDIP and SOIC_W and in 20-lead SSOP
and TSSOP. The ADM1385 is available in a 20-lead SSOP,
which is pin-compatible with the LTC1385 CG.
FUNCTIONAL BLOCK DIAGRAMS
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
R2IN
CMOS
INPUTS
EIA/TIA-232
OUTPUTS
CMOS
OUTPUTS
EIA/TIA-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND ADM3202
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
Figure 1.
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
EN
R2IN
SD
CMOS
INPUTS
EIA/TIA-232
OUTPUTS
CMOS
OUTPUTS
EIA/TIA-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND
ADM3222
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
Figure 2.
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
DD
R2IN
SD
CMOS
INPUTS
EIA/TIA-232
OUTPUTS
CMOS
OUTPUTS
EIA/TIA-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND
ADM1385
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
C3
0.1µF
10V
C4
0.1µF
10V
Figure 3.


Número de pieza similar - ADM3222ANZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3222ANZ AD-ADM3222ANZ Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results

Descripción similar - ADM3222ANZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com