Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5641ACPZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices |
|
AD5641ACPZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices |
10 / 20 page AD5641 Data Sheet Rev. D | Page 10 of 20 CH1 = 5V/DIV CH2 = 1V/DIV TIME BASE = 2 µs/DIV CH1 = SCLK CH2 = VOUT TA = 25°C VDD = 5V Figure 23. Full-Scale Settling Time CH1 = 5V/DIV CH2 = 1V/DIV TIME BASE = 2 µs/DIV CH1 = SCLK CH2 = VOUT TA = 25°C VDD = 5V Figure 24. Midscale Settling Time CH2 CH1 VDD = 5V TA = 25°C VDD VOUT = 70mV CH1 1V, CH2 20mV, TIME BASE = 20 µs/DIV Figure 25. Power-On Reset to 0 V CH1 1V, CH2 5V, TIME BASE = 50 µs/DIV CH2 CH1 VDD VOUT VDD = 5V TA = 25°C Figure 26. VDD vs. VOUT SAMPLE NUMBER 0 100 200 300 400 500 2.458 2.456 2.454 2.452 2.450 2.448 2.446 2.444 2.442 2.440 2.438 2.436 TA = 25°C VDD = 5V LOAD = 2k Ω AND 220pF CODE 0x2000 TO 0x1FFF 10ns/SAMPLE NUMBER Figure 27. Digital-to-Analog Glitch Energy CH1 VDD = 5V TA = 25°C MIDSCALE LOADED CH1 5 µV/DIV Figure 28. 1/f Noise, 0.1 Hz to 10 Hz Bandwidth |
Número de pieza similar - AD5641ACPZ-REEL7 |
|
Descripción similar - AD5641ACPZ-REEL7 |