Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5662ARJ-2500RL7 Datasheet(PDF) 6 Page - Analog Devices |
|
AD5662ARJ-2500RL7 Datasheet(HTML) 6 Page - Analog Devices |
6 / 24 page AD5662 Rev. A | Page 6 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VDD to GND −0.3 V to +7 V VOUT to GND −0.3 V to VDD + 0.3 V VFB to GND −0.3 V to VDD + 0.3 V VREF to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (Y Version) −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature (TJ max) 150°C Power Dissipation (TJ max − TA)/θJA SOT-23 Package (4-Layer Board) θJA Thermal Impedance 119°C/W MSOP Package (4-Layer Board) θJA Thermal Impedance 141°C/W θJC Thermal Impedance 44°C/W Reflow Soldering Peak Temperature SnPb 240°C Pb-free 260°C ESD 2 kV Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - AD5662ARJ-2500RL7 |
|
Descripción similar - AD5662ARJ-2500RL7 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |