Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7376ARUZ50 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD7376ARUZ50
Descripción Electrónicos  128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ50 Datasheet(HTML) 5 Page - Analog Devices

  AD7376ARUZ50 Datasheet HTML 1Page - Analog Devices AD7376ARUZ50 Datasheet HTML 2Page - Analog Devices AD7376ARUZ50 Datasheet HTML 3Page - Analog Devices AD7376ARUZ50 Datasheet HTML 4Page - Analog Devices AD7376ARUZ50 Datasheet HTML 5Page - Analog Devices AD7376ARUZ50 Datasheet HTML 6Page - Analog Devices AD7376ARUZ50 Datasheet HTML 7Page - Analog Devices AD7376ARUZ50 Datasheet HTML 8Page - Analog Devices AD7376ARUZ50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7376
Rev. D | Page 5 of 20
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V or 15 V
2.4
V
Input Logic Low
VIL
VDD = 5 V or 15 V
0.8
V
Output Logic High
VOH
RPull-Up = 2.2 kΩ to 5 V
4.9
V
Output Logic Low
VOL
IOL = 1.6 mA, VDD = 15 V
0.4
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD/VSS
Dual-supply range
±4.5
±16.5
V
Power Supply Range
VDD
Single-supply range, VSS = 0
4.5
33
V
Positive Supply Current
IDD
VIH = 5 V or VIL = 0 V, VDD/VSS = ±15 V
2
mA
VIH = 5 V or VIL = 0 V, VDD/VSS = ±5 V
12
25
µA
Negative Supply Current
ISS
VIH = 5 V or VIL = 0 V, VDD/VSS = ±15 V
−0.1
mA
VIH = 5 V or VIL = 0 V, VDD/VSS = ±5 V
−0.1
mA
Power Dissipation8
PDISS
VIH = 5 V or VIL = 0 V, VDD/VSS = ±15 V
31.5
mW
Power Supply Rejection Ratio
PSRR
−0.25
±0.1
+0.25
%/%
DYNAMIC CHARACTERISTICS6, 9, 10
Bandwidth −3 dB
BW
RAB = 50 kΩ, code = 0x40
90
kHz
RAB = 100 kΩ, code = 0x40
50
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
0.002
%
VW Settling Time
tS
VA = 10 V, VB = 0 V, ±1 LSB error band
4
µs
Resistor Noise Voltage
eN_WB
RWB = 25 kΩ, f = 1 kHz
2
nV√Hz
1
Typical values represent average readings at 25°C, VDD = 15 V, and VSS = −15 V.
2
Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum and minimum resistance wiper positions. R-DNL
measures the relative step change from an ideal value measured between successive tap positions. Parts are guaranteed monotonic.
3
Pb-free parts have a 35 ppm/°C temperature coefficient.
4
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider, similar to a voltage output digital-to-analog converter. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
5
Resistor Terminals A, B, and W have no limitations on polarity with respect to each other.
6
Guaranteed by design and not subject to production test.
7
Measured at the A terminal. A terminal is open circuit in shutdown mode.
8
PDISS is calculated from (IDD × VDD) + abs(ISS × VSS). CMOS logic level inputs result in minimum power dissipation.
9
Bandwidth, noise, and settling times are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest
bandwidth. The highest R value results in the minimum overall power consumption.
10
All dynamic characteristics use VDD = 15 V and VSS = −15 V.
TIMING SPECIFICATIONS
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INTERFACE TIMING CHARACTERISTICS1, 2
Clock Frequency
fCLK
4
MHz
Input Clock Pulse Width
tCH, tCL
Clock level high or low
120
ns
Data Setup Time
tDS
30
ns
Data Hold Time
tDH
20
ns
CLK to SDO Propagation Delay3
tPD
RPull-Up = 2.2 kΩ, CL < 20 pF
10
100
ns
CS Setup Time
tCSS
120
ns
CS High Pulse Width
tCSW
150
ns
Reset Pulse Width
tRS
120
ns
CLK Fall to CS Fall Hold Time
tCSH0
10
ns
CLK Rise to CS Rise Hold Time
tCSH
120
ns
CS Rise to Clock Rise Setup
tCS1
120
ns
1
Guaranteed by design and not subject to production test.
2
See Figure 3 for the location of the measured values. All input control voltages are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
Switching characteristics are measured using VDD = 15 V and VSS = −15 V.
3
Propagation delay depends on value of VDD, RPull-Up, and CL.


Número de pieza similar - AD7376ARUZ50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7376ARU10 AD-AD7376ARU10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU100 AD-AD7376ARU100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU1M AD-AD7376ARU1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU50 AD-AD7376ARU50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Descripción similar - AD7376ARUZ50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com