Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8572ARUZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD8572ARUZ
Descripción Electrónicos  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8572ARUZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8572ARUZ Datasheet HTML 7Page - Analog Devices AD8572ARUZ Datasheet HTML 8Page - Analog Devices AD8572ARUZ Datasheet HTML 9Page - Analog Devices AD8572ARUZ Datasheet HTML 10Page - Analog Devices AD8572ARUZ Datasheet HTML 11Page - Analog Devices AD8572ARUZ Datasheet HTML 12Page - Analog Devices AD8572ARUZ Datasheet HTML 13Page - Analog Devices AD8572ARUZ Datasheet HTML 14Page - Analog Devices AD8572ARUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8571/AD8572/AD8574
Rev. E | Page 11 of 24
100
10k
1k
100k
1M
FREQUENCY (Hz)
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS = ±2.5V
RL = 2kΩ
AV = 1
THD + N < 1%
TA = 25°C
Figure 37. Maximum Output Swing vs. Frequency
0V
VS = ±1.35V
AV = 120,000
1sec
50mV
Figure 38. 0.1 Hz to 10 Hz Noise
1sec
50mV
VS = ±2.5V
AV = 120,000
Figure 39. 0.1 Hz to 10 Hz Noise
VS = 2.7V
RS = 0Ω
312
364
208
260
104
156
52
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (kHz)
Figure 40. Voltage Noise Density from 0 Hz to 2.5 kHz
VS = 2.7V
RS = 0Ω
96
112
64
80
32
48
16
0
5
10
15
20
25
FREQUENCY (kHz)
Figure 41. Voltage Noise Density from 0 Hz to 25 kHz
VS = 5V
RS = 0Ω
156
182
104
130
52
78
26
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (kHz)
Figure 42. Voltage Noise Density from 0 Hz to 2.5 kHz


Número de pieza similar - AD8572ARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8572ARUZ AD-AD8572ARUZ Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8572ARUZ-REEL AD-AD8572ARUZ-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572ARUZ-REEL AD-AD8572ARUZ-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8572ARUZ1 AD-AD8572ARUZ1 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results

Descripción similar - AD8572ARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com