Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSE45H7 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KSE45H7
Descripción Electrónicos  General Purpose Power Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE45H7 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE45H7 Datasheet HTML 1Page - Fairchild Semiconductor KSE45H7 Datasheet HTML 2Page - Fairchild Semiconductor KSE45H7 Datasheet HTML 3Page - Fairchild Semiconductor KSE45H7 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Safe Operating Area
Figure 5. Power Derating
-0.01
-0.1
-1
-10
1
10
100
1000
VCE = 1V
IC[A], COLLECTOR CURRENT
-0.01
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-1
-10
-100
10
100
1000
f=1MHZ
VCB[V], COLLECTOR-BASE VOLTAGE
1
10
100
1000
0.1
1
10
100
100
µs
45H 1,2
45H 4,5
45H 7,8
45H 10,11
10
µs
1
µs
DC
V
CE
[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
TC[
o
C], CASE TEMPERATURE


Número de pieza similar - KSE45H7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSE45H FAIRCHILD-KSE45H Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
logo
Inchange Semiconductor ...
KSE45H11 ISC-KSE45H11 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistor
logo
Fairchild Semiconductor
KSE45H11TU FAIRCHILD-KSE45H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
More results

Descripción similar - KSE45H7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSE44H FAIRCHILD-KSE44H Datasheet
41Kb / 4P
   General Purpose Power Switching Applications
KSE45H11TU FAIRCHILD-KSE45H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
KSE44H11TU FAIRCHILD-KSE44H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
logo
Sanyo Semicon Device
2SK3912 SANYO-2SK3912 Datasheet
38Kb / 4P
   General-Purpose Switching Device Applications
2SK3819 SANYO-2SK3819 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
ECH8402 SANYO-ECH8402 Datasheet
53Kb / 4P
   General-Purpose Switching Device Applications
SFT1350 SANYO-SFT1350 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SFT1443 SANYO-SFT1443 Datasheet
81Kb / 4P
   General-Purpose Switching Device Applications
SFT1445 SANYO-SFT1445 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003_11 Datasheet
405Kb / 5P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com