Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSE703 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KSE703
Descripción Electrónicos  Monolithic Construction With Built-in Base- Emitter Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE703 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE703 Datasheet HTML 1Page - Fairchild Semiconductor KSE703 Datasheet HTML 2Page - Fairchild Semiconductor KSE703 Datasheet HTML 3Page - Fairchild Semiconductor KSE703 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2, June 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
I
B
= -400
µs
I
B= -1000µs
I
B= -900µs
I
B= -800µs
I
B= -700µs
I
B= -600µs
I
B= -500µs
I
B
= -300
µs
I
B
= -200µ
s
I
B= -100µs
V
CE(V),COLLECTOR-EMITTER VOLTAGE
-0.01
-0.1
-1
-10
10
100
1k
10k
VCE = -3V
IC[A], COLLECTOR CURRENT
-0.01
-0.1
-1
-10
-0.1
-1
-10
-100
IC = 500 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-0.01
-0.1
-1
-10
-100
1
10
100
1000
f=0.1MHZ
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
MJE702/703
MJE700/701
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
TC[
o
C], CASE TEMPERATURE


Número de pieza similar - KSE703

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SemiHow Co.,Ltd.
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results

Descripción similar - KSE703

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MJE700 FAIRCHILD-MJE700 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
KSE800 FAIRCHILD-KSE800_01 Datasheet
55Kb / 4P
   Monolithic Construction With Built-in Base-Emitter Resistors
MJE800 FAIRCHILD-MJE800 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP140 FAIRCHILD-TIP140 Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com