Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC489 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza BC489
Descripción Electrónicos  High Current Transistors NPN Silicon These are Pb?묯ree Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489 Datasheet(HTML) 3 Page - ON Semiconductor

  BC489 Datasheet HTML 1Page - ON Semiconductor BC489 Datasheet HTML 2Page - ON Semiconductor BC489 Datasheet HTML 3Page - ON Semiconductor BC489 Datasheet HTML 4Page - ON Semiconductor BC489 Datasheet HTML 5Page - ON Semiconductor BC489 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC489, BC489A
http://onsemi.com
3
Figure 2. Current−Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
200
70
50
30
20
10
7.0
5.0
3.0
2.0
300
200
100
70
50
30
VCE = 2.0 V
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
80
60
40
20
10
4.0
TJ = 25°C
Cobo
Cibo
8.0
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
500
50
30
20
10
7.0
5.0
1.0 k
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = 0.5 V
100
6.0
200
100
70
300
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
20k
50k 100k
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN−469)
TJ(pk) − TC = P(pk) ZqJC(t)
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
ZqJC(t) = r(t) • RqJC
ZqJA(t) = r(t) • RqJA
SINGLE PULSE


Número de pieza similar - BC489

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Micro Electronics
BC489 MICRO-ELECTRONICS-BC489 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
BC489 CDIL-BC489 Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Motorola, Inc
BC489A MOTOROLA-BC489A Datasheet
235Kb / 6P
   High Current Transistors
More results

Descripción similar - BC489

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Youtai Semico...
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
   These are Pb−Free Devices
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
   High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com