Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDC1000 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LDC1000
Descripción Electrónicos  LDC1000 Inductance to Digital Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LDC1000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LDC1000 Datasheet HTML 2Page - Texas Instruments LDC1000 Datasheet HTML 3Page - Texas Instruments LDC1000 Datasheet HTML 4Page - Texas Instruments LDC1000 Datasheet HTML 5Page - Texas Instruments LDC1000 Datasheet HTML 6Page - Texas Instruments LDC1000 Datasheet HTML 7Page - Texas Instruments LDC1000 Datasheet HTML 8Page - Texas Instruments LDC1000 Datasheet HTML 9Page - Texas Instruments LDC1000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LDC1000
SNOSCX2 – SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, all limits ensured for TA = TJ = 25°C, VDD = 5.0V, VIO = 3.3V
(2)
SYMBOL
CONDITIONS/
PARAMETER
MIN(3)
TYP(4)
MAX(3)
UNITS
COMMENTS
DIGITAL I/O CHARACTERISTICS
VIH
Logic "1" Input Voltage
0.8×VIO
V
VIL
Logic "0" Input Voltage
0.2×VIO
V
VOH
Logic "1" Output
ISOURCE=400uA
VIO-0.3
V
Voltage
VOL
Logic "0" Output
ISINK=400uA
0.3
V
Voltage
IIOHL
Digital IO Leakage
-500
500
nA
Current
6
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LDC1000


Número de pieza similar - LDC1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LDC1000 TI1-LDC1000 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000EPWRQ1 TI1-LDC1000EPWRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
More results

Descripción similar - LDC1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
[Old version datasheet]   LDC1001 Inductance-to-Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
[Old version datasheet]   LDC1001-Q1 Inductance to Digital Converter
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1101 TI1-LDC1101 Datasheet
1Mb / 55P
[Old version datasheet]   1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
[Old version datasheet]   LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com