Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC848-AU_R0_00001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

No. de pieza BC848-AU_R0_00001
Descripción Electrónicos  NPN GENERAL PURPOSE TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC848-AU_R0_00001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  BC848-AU_R0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC848-AU_R0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC848-AU_R0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC848-AU_R0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC848-AU_R0_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC848-AU_R0_00001 Datasheet HTML 6Page - Pan Jit International Inc. BC848-AU_R0_00001 Datasheet HTML 7Page - Pan Jit International Inc. BC848-AU_R0_00001 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PAGE . 5
0
1
10
100
25
50
75
100
125
150
Junction Temperature, TJ (OC)
V
CB=30V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, IC, (mA)
T
J=25 C
T
J=100° C
T
J=150° C
V
CE=5V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J = 25 °C
T
J = 150 °C
T
J = 100 °C
V
CE=5V
Fig. 1.
Typical ICB0 vs. Junction Temperature
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J = 25 °C
T
J = 150 °C
T
J = 100 °C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, IC (mA)
T
J = 25 °C
T
J = 150 °C
T
J = 100 °C
I
C/IB=20
1
10
0.1
1
10
100
Reverse Voltage (V)
TJ = 25 °C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
Fig. 6.
Typical Capacitances vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS CURVE (BC847C
-AU,BC848C-AU,BC849C-AU,BC850C-AU)
BC846-AU,BC847-AU,BC848-AU,BC849-AU,BC850-AU SERIES
August 5,2013-REV.06


Número de pieza similar - BC848-AU_R0_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
BC848-A-AE3-R UTC-BC848-A-AE3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848-A-AL3-R UTC-BC848-A-AL3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Descripción similar - BC848-AU_R0_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com