Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-2670 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-2670
Descripción Electrónicos  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2670 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-2670 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-2670 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
High Performance Green HLMP-2500/2800/2965 Series
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2500/2800/2820
I
V
525
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2550/2835/2855/2870
11
50
mcd
Area[1]
2965[4]
25
50
mcd
2885
22
100
mcd
Peak Wavelength
λ
PEAK
565
nm
Dominant Wavelength[2]
λ
d
572
nm
Forward Voltage per LED
V
F
2.2
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
Notes:
1. These devices are categorized for luminous intensity. The intensity category is designated by a letter code on the side of the package.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the
device. Yellow and Green devices are categorized for dominant wavelength with the color bin designated by a number code on the side
of the package.
3. This is an HER/Yellow bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Yellow electrical/optical
characteristics are shown in the Yellow table.
4. This is an HER/Green bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Green electrical/optical
characteristics are shown in the Green table.
5. Does not apply to HLMP-2950 or HLMP-2965.


Número de pieza similar - HLMP-2670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-2670 QT-HLMP-2670 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLMP-2670 HP-HLMP-2670 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2670 AVAGO-HLMP-2670 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2670 AVAGO-HLMP-2670 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2670 EVERLIGHT-HLMP-2670 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
More results

Descripción similar - HLMP-2670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLCP-A100 HP-HLCP-A100 Datasheet
199Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com