Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-2735 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-2735
Descripción Electrónicos  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2735 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-2735 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-2735 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Absolute Maximum Ratings
HER
Yellow
Green
AlGaAs Red
HLMP-2300/
HLMP-2400/
HLMP-2500/
Parameter
HLCP-X100
2600/29XX
2700/2950
2800/2965
Series
Series
Series
Series
Average Power Dissipated per LED Chip
37 mW[1]
135 mW[2]
85 mW[3]
135 mW[2]
Peak Forward Current per LED Chip
45 mA[4]
90 mA[5]
60 mA[5]
90 mA[5]
Average Forward Current per LED Chip
15 mA
25 mA
20 mA
25 mA
DC Forward Current per LED Chip
15 mA[1]
30 mA[2]
25 mA[3]
30 mA[2]
Reverse Voltage per LED Chip
5 V
6 V[6]
Operating Temperature Range
–20
°C to +100°C[7]
–40
°C to +85°C
–20
°C to +85°C
Storage Temperature Range
–40
°C to +85°C
Wave Soldering Temperature
250
°C for 3 seconds
1.6 mm (1/16 inch) below Body
Notes:
1. Derate above 87
°C at 1.7 mW/°C per LED chip. For DC operation, derate above 91°C at 0.8 mA/°C.
2. Derate above 25
°C at 1.8 mW/°C per LED chip. For DC operation, derate above 50°C at 0.5 mA/°C.
3. Derate above 50
°C at 1.8 mW/°C per LED chip. For DC operation, derate above 60°C at 0.5 mA/°C.
4. See Figure 1 to establish pulsed operation. Maximum pulse width is 1.5 mS.
5. See Figure 6 to establish pulsed operation. Maximum pulse width is 2 mS.
6. Does not apply to bicolor parts.
7. For operation below –20
°C, contact your local Avago sales representative.
Electrical/Optical Characteristics at T
A = 25°C
AlGaAs Red HLCP-X100 Series
Parameter
HLCP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
A100/D100/E100
IV
3
7.5
mcd
IF = 3 mA
Luminous Intensity
per Lighting Emitting
B100/C100/F100/G100
6
15
mcd
Area[1]
H100
12
30
mcd
Peak Wavelength
λ
PEAK
645
nm
Dominant Wavelength[2]
λ
d
637
nm
Forward Voltage per LED
VF
1.8
2.2
V
IF = 20 mA
Reverse Breakdown Voltage per LED
VR
515
V
IR = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
250
°C/W/
LED


Número de pieza similar - HLMP-2735

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-2735 HP-HLMP-2735 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2735 AVAGO-HLMP-2735 Datasheet
338Kb / 16P
   LED Light Bars
More results

Descripción similar - HLMP-2735

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLCP-A100 HP-HLCP-A100 Datasheet
199Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com