Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC14011BFEL Datasheet(PDF) 11 Page - ON Semiconductor |
|
MC14011BFEL Datasheet(HTML) 11 Page - ON Semiconductor |
11 / 14 page MC14001B Series http://onsemi.com 11 PACKAGE DIMENSIONS PDIP−14 CASE 646−06 ISSUE P 17 14 8 B A DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.715 0.770 18.16 19.56 B 0.240 0.260 6.10 6.60 C 0.145 0.185 3.69 4.69 D 0.015 0.021 0.38 0.53 F 0.040 0.070 1.02 1.78 G 0.100 BSC 2.54 BSC H 0.052 0.095 1.32 2.41 J 0.008 0.015 0.20 0.38 K 0.115 0.135 2.92 3.43 L M −−− 10 −−− 10 N 0.015 0.039 0.38 1.01 __ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. F HG D K C SEATING PLANE N −T− 14 PL M 0.13 (0.005) L M J 0.290 0.310 7.37 7.87 |
Número de pieza similar - MC14011BFEL |
|
Descripción similar - MC14011BFEL |