Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C08TDE-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT24C08TDE-GT3
Descripción Electrónicos  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C08TDE-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT24C08TDE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C08TDE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
http://onsemi.com
3
Table 5. PIN IMPEDANCE CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 4)
SDA Pin Capacitance
VIN = 0 V, f = 1.0 MHz, VCC = 5.0 V
8
pF
Other Pins
6
pF
IWP (Note 5)
WP Input Current
VIN < VIH, VCC = 5.5 V
130
mA
VIN < VIH, VCC = 3.3 V
120
VIN < VIH, VCC = 1.7 V
80
VIN > VIH
2
IA (Note 5)
Address Input Current
(A0, A1, A2)
Product Rev H: CAT24C02
Product Rev K: CAT24C04,
CAT24C08, CAT24C16
VIN < VIH, VCC = 5.5 V
50
mA
VIN < VIH, VCC = 3.3 V
35
VIN < VIH, VCC = 1.7 V
25
VIN > VIH
2
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the WP, A0, A1 and A2 pins are pulled down to GND internally. For improved noise immunity, the internal pull−down is
relatively strong; therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To
conserve power, as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak
current source.
Table 6. A.C. CHARACTERISTICS
(Note 6) (VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
ms
tLOW
Low Period of SCL Clock
4.7
1.3
ms
tHIGH
High Period of SCL Clock
4
0.6
ms
tSU:STA
START Condition Setup Time
4.7
0.6
ms
tHD:DAT
Data In Hold Time
0
0
ms
tSU:DAT
Data In Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1000
300
ns
tF (Note 6)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
ms
tBUF
Bus Free Time Between STOP and START
4.7
1.3
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
ms
tDH
Data Out Hold Time
100
100
ns
Ti (Note 6)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tSU:WP
WP Setup Time
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
ms
tWR
Write Cycle Time
5
5
ms
tPU (Notes 7, 8)
Power−up to Ready Mode
1
1
ms
6. Test conditions according to “AC Test Conditions” table.
7. Tested initially and after a design or process change that affects this parameter.
8. tPU is the delay between the time VCC is stable and the device is ready to accept commands.


Número de pieza similar - CAT24C08TDE-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24C08TDE-GT3 ONSEMI-CAT24C08TDE-GT3 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
More results

Descripción similar - CAT24C08TDE-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com