Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7265BCP Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7265BCP
Descripción Electrónicos  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 4 Page - Analog Devices

  AD7265BCP Datasheet HTML 1Page - Analog Devices AD7265BCP Datasheet HTML 2Page - Analog Devices AD7265BCP Datasheet HTML 3Page - Analog Devices AD7265BCP Datasheet HTML 4Page - Analog Devices AD7265BCP Datasheet HTML 5Page - Analog Devices AD7265BCP Datasheet HTML 6Page - Analog Devices AD7265BCP Datasheet HTML 7Page - Analog Devices AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7265
Rev. A | Page 4 of 28
Parameter
Specification
Unit
Test Conditions/Comments
DC Leakage Current
±1
μA max
Input Capacitance
45
pF typ
When in track
10
pF typ
When in hold
REFERENCE INPUT/OUTPUT
Reference Output Voltage8
2.5
V min/V max
±0.2% max @ 25°C
Long-Term Stability
150
ppm typ
For 1000 hours
Output Voltage Hysteresis2
50
ppm typ
Reference Input Voltage Range
0.1/VDD
V min/V max
See Typical Performance Characteristics section
DC Leakage Current
±2
μA max
External reference applied to Pin DCAPA/Pin DCAPB
Input Capacitance
25
pF typ
DCAPA, DCAPB Output Impedance
10
Ω typ
Reference Temperature Coefficient
20
ppm/°C max
10
ppm/°C typ
VREF Noise
20
μV rms typ
LOGIC INPUTS
Input High Voltage, VINH
2.8
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IIN
±15
nA typ
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
5
pF typ
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V min
Output Low Voltage, VOL
0.4
V max
Floating State Leakage Current
±1
μA max
Floating State Output Capacitance3
7
pF typ
Output Coding
Straight (natural) binary
SGL/DIFF = 1 with 0 V to VREF range selected
Twos complement
SGL/DIFF = 0; SGL/DIFF = 1 with 0 V to 2 × VREF range
CONVERSION RATE
Conversion Time
14
SCLK cycles
875 ns with SCLK = 16 MHz
Track-and-Hold Acquisition Time3
90
ns max
Full-scale step input; VDD = 5 V
110
ns max
Full-scale step input; VDD = 3 V
Throughput Rate
1
MSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
V min/V max
VDRIVE
2.7/5.25
V min/V max
IDD
Digital I/Ps = 0 V or VDRIVE
Normal Mode (Static)
2.3
mA max
VDD = 5.25 V
Operational, fS = 1 MSPS
4
mA max
VDD = 5.25 V; 3.5 mA typ
fS = 1 MSPS
3.2
mA max
VDD = 3.6 V; 2.7 mA typ
Partial Power-Down Mode
500
μA max
Static
Full Power-Down Mode (VDD)
1
μA max
TA = −40°C to +85°C
2.8
μA max
TA > 85°C to 125°C
Power Dissipation
Normal Mode (Operational)
21
mW max
VDD = 5.25 V
Partial Power-Down (Static)
2.625
mW max
VDD = 5.25 V
Full Power-Down (Static)
5.25
μW max
VDD = 5.25 V, TA = −40°C to +85°C
1 Temperature range is −40°C to +125°C.
2 See Terminology section.
3 Sample tested during initial release to ensure compliance.
4 Guaranteed no missed codes to 12 bits.
5 VIN− or VIN+ must remain within GND/VDD.
6 VIN− = 0 V for specified performance. For full input range on VIN− pin, see Figure 28 and Figure 29.
7 For full common-mode range, see Figure 24 and Figure 25.
8 Relates to Pin DCAPA or Pin DCAPB.


Número de pieza similar - AD7265BCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7265BCP AD-AD7265BCP Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7265BCPZ AD-AD7265BCPZ Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7265BCPZ-REEL7 AD-AD7265BCPZ-REEL7 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
More results

Descripción similar - AD7265BCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com