Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM331 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza LM331
Descripción Electrónicos  V-F Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM331 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  LM331 Datasheet HTML 1Page - Fairchild Semiconductor LM331 Datasheet HTML 2Page - Fairchild Semiconductor LM331 Datasheet HTML 3Page - Fairchild Semiconductor LM331 Datasheet HTML 4Page - Fairchild Semiconductor LM331 Datasheet HTML 5Page - Fairchild Semiconductor LM331 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LM331
4
Mechanical Dimensions
Package
Dimensions in millimeters
6.40
±0.20
3.30
±0.30
0.130
±0.012
3.40
±0.20
0.134
±0.008
#1
#4
#5
#8
0.252
±0.008
5.08
0.200
0.33
0.013
7.62
0~15°
0.300
MAX
MIN
0.25
+0.10
–0.05
0.010
+0.004
–0.002
8-DIP


Número de pieza similar - LM331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM331 NSC-LM331 Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
logo
Seoul Semiconductor
LM331 SEOUL-LM331 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM331 SEOUL-LM331 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM331 SEOUL-LM331 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM331 SEOUL-LM331 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Descripción similar - LM331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA331 FAIRCHILD-KA331 Datasheet
49Kb / 6P
   V-F Converter
logo
ON Semiconductor
KA331 ONSEMI-KA331 Datasheet
173Kb / 8P
   V-F Converter
2001 Rev. 1.0.0
logo
Cherry Semiconductor Co...
CS-2907 CHERRY-CS-2907 Datasheet
719Kb / 8P
   50mA F TO V CONVERTER
logo
Mitsubishi Electric Sem...
M51722P MITSUBISHI-M51722P Datasheet
333Kb / 5P
   F-V CONVERTER WITH MULTIPLEXER
logo
New Japan Radio
NJM4151 NJRC-NJM4151 Datasheet
431Kb / 10P
   V-F/F-V CONVERTOR
logo
Asahi Kasei Microsystem...
AK5370 AKM-AK5370 Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
logo
Micrel Semiconductor
MIC10937 MICREL-MIC10937 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
logo
Eaton All Rights Reserv...
XVM EATON-XVM Datasheet
974Kb / 4P
   16 V, 65 F module
logo
EPCOS
B49410A2115Q000 EPCOS-B49410A2115Q000 Datasheet
114Kb / 2P
   Single cell 110 F/ 2.5 V
B49410B2276Q000 EPCOS-B49410B2276Q000 Datasheet
110Kb / 2P
   Single cell 2700 F/ 2.5 V
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com