Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM331 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza LM331
Descripción Electrónicos  V-F Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM331 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM331 Datasheet HTML 1Page - Fairchild Semiconductor LM331 Datasheet HTML 2Page - Fairchild Semiconductor LM331 Datasheet HTML 3Page - Fairchild Semiconductor LM331 Datasheet HTML 4Page - Fairchild Semiconductor LM331 Datasheet HTML 5Page - Fairchild Semiconductor LM331 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM331
2
Absolute Maximum Ratings (TA = 25
°°°°C)
Electrical Characteristics
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Input Voltage
VI
-0.2 ~ + VCC
V
Operating Temperature Range
TOPR
0 ~ +70
°C
Power Dissipation
PD
500
mW
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
VFC Non-Linearity
VFCNL
4.5
≤ VCC ≤ 20V
-
±0.003 ±0.01 % Full-Scale
Conversion Accuracy Scale Factor
ACCUR
VI = -10V, RS = 14K
Ω 0.90 1.00
1.10
KHz/V
Chang Of Gain With VCC
VCC
∆G/VCC
4.5V
≤ VCC ≤ 10V
-
0.01
0.1
%/V
10V
≤ VCC ≤ 40V
-
0.006
0.06
Rated Full - Scale Frequency
f
VI = -10V
10.0
-
-
KHz
INPUT COMPARATOR
Offset Voltage
VIO
0
°C ≤ TA ≤ +70°C-
±3
±10
mV
Bias Current
IBIAS
-
-
-80
-300
nA
Offset Current
IIO
--
±8
±100
nA
Common-Mode Range
VCM
0
°C ≤ TA ≤ +70°C-0.2
-
VCC-
2.0
V
TIMER (PIN 5)
Timer Threshold Voltage
VTH
-
0.63 0.667
0.701
×VCC
Input Bias Current
IBIAS
VCC = 15V,
0V
≤ V5 ≤ 9.9V
-
±10
±100
nA
V5 = 10V
-
200
1000
nA
Saturation Voltage
VSAT
I = 5mA
-
0.22
0.5
V
CURRENT SOURCE (PIN 1)
Output Current
IO
RS = 14K
Ω, V1= 0V
116
136
156
µA
Change with Voltage
∆IO/∆V1
0V
≤ V1 ≤ 10V
-
0.2
1.0
µA
Current Source Off Leakage
ILKG
-
-
0.02
10.0
nA
REFERENCE VOLTAGE (PIN 2)
Reference Voltage
VREF
-
1.70
1.89
2.08
VDC
Stability vs Temperature
STT
--
±60
-
ppm/
°C
Stability vs Time, 1000Hours
STT
--
±0.1
-
%
LOGIC OUTPUT (Pin 3)
Saturation Voltage
VSAT
I = 5mA
-
0.15
0.50
V
I = 3.2mA
-
0.10
0.40
Off Leakage
ILKG
--
±0.05
1.0
µA
SUPPLY CURRENT
Supply Current
ICC
VCC = 5V
1.5
3.0
6.0
mA
VCC = 40V
2.0
4.0
8.0


Número de pieza similar - LM331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM331 NSC-LM331 Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
logo
Seoul Semiconductor
LM331 SEOUL-LM331 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM331 SEOUL-LM331 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM331 SEOUL-LM331 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM331 SEOUL-LM331 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Descripción similar - LM331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA331 FAIRCHILD-KA331 Datasheet
49Kb / 6P
   V-F Converter
logo
ON Semiconductor
KA331 ONSEMI-KA331 Datasheet
173Kb / 8P
   V-F Converter
2001 Rev. 1.0.0
logo
Cherry Semiconductor Co...
CS-2907 CHERRY-CS-2907 Datasheet
719Kb / 8P
   50mA F TO V CONVERTER
logo
Mitsubishi Electric Sem...
M51722P MITSUBISHI-M51722P Datasheet
333Kb / 5P
   F-V CONVERTER WITH MULTIPLEXER
logo
New Japan Radio
NJM4151 NJRC-NJM4151 Datasheet
431Kb / 10P
   V-F/F-V CONVERTOR
logo
Asahi Kasei Microsystem...
AK5370 AKM-AK5370 Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
logo
Micrel Semiconductor
MIC10937 MICREL-MIC10937 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
logo
Eaton All Rights Reserv...
XVM EATON-XVM Datasheet
974Kb / 4P
   16 V, 65 F module
logo
EPCOS
B49410A2115Q000 EPCOS-B49410A2115Q000 Datasheet
114Kb / 2P
   Single cell 110 F/ 2.5 V
B49410B2276Q000 EPCOS-B49410B2276Q000 Datasheet
110Kb / 2P
   Single cell 2700 F/ 2.5 V
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com