Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7623BSTZ-P Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADV7623BSTZ-P
Descripción Electrónicos  HDMI Transceiver with Fast Port Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7623BSTZ-P Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7623BSTZ-P Datasheet HTML 5Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 6Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 7Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 8Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 9Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 10Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 11Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 12Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADV7623
Rev. D | Page 9 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADV7623
TOP VIEW
(Not to Scale)
PIN 1
1
DDCC_SCL
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
73
DVDDIO
74
AP3_IN
75
AP2_IN
76
AP1_IN
77
AP0_IN
78
SDATA
79
SCL
80
DGND
81
DVDD
82
INT1
83
INT2
84
INT_TX
85
DGNDIO
86
DVDDIO
87
AP0_OUT
88
AP1_OUT
89
AP2_OUT
90
AP3_OUT
91
AP4_OUT
92
DGND
93
DVDD
94
AP5_OUT
95
SCLK_OUT
96
MCLK_OUT
97
RESET
98
PWRDN
99
PGND
100
PVDD
101
XTAL
102
XTAL1
103
PVDD
104
PGND
105
HP_CTRLA
106
5V_DETA
107
RTERM
108
DDCA_SDA
CVDD
CGND
RXC_C–
RXC_C+
TVDD
RXC_0–
RXC_0+
CGND
RXC_1–
RXC_1+
TVDD
RXC_2–
RXC_2+
HP_CTRLD
5V_DETD
DGND
DVDD
DDCD_SDA
DDCD_SCL
CVDD
CGND
RXD_C–
RXD_C+
TVDD
RXD_0–
RXD_0+
CGND
RXD_1–
RXD_1+
TVDD
RXD_2–
RXD_2+
CVDD
CGND
TXPVDD
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
DDCC_SCL
Digital input
HDCP Slave Serial Clock Port C. DDCC_SCL is a 3.3 V input that is 5 V tolerant.
2
CVDD
Power
Receiver Comparator Supply Voltage (1.8 V).
3
CGND
Ground
TVDD and CVDD Ground.
4
RXC_C−
HDMI input
Digital Input Clock Complement of Port C in the HDMI Interface.
5
RXC_C+
HDMI input
Digital Input Clock True of Port C in the HDMI Interface.
6
TVDD
Power
Receiver Terminator Supply Voltage (3.3 V).
7
RXC_0−
HDMI input
Digital Input Channel 0 Complement of Port C in the HDMI Interface.
8
RXC_0+
HDMI input
Digital Input Channel 0 True of Port C in the HDMI Interface.
9
CGND
Ground
TVDD and CVDD Ground.
10
RXC_1−
HDMI input
Digital Input Channel 1 Complement of Port C in the HDMI Interface.
11
RXC_1+
HDMI input
Digital Input Channel 1 True of Port C in the HDMI Interface.
12
TVDD
Power
Receiver Terminator Supply Voltage (3.3 V).


Número de pieza similar - ADV7623BSTZ-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
More results

Descripción similar - ADV7623BSTZ-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
   Quad HDMI Fast Switching Receiver
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
   HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
   HDMI Port Processor with InstaPort Viewing Technology
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com