Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA1M0680B Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza KA1M0680B
Descripción Electrónicos  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0680B Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA1M0680B Datasheet HTML 1Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 2Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 3Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 4Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 5Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 6Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 7Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 8Page - Fairchild Semiconductor KA1M0680B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA1M0680B/KA1M0680RB/KA1H0680B/KA1H0680RFB
4
Electrical Characteristics (CONTROL part)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS (wafer test) process
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start threshold voltage
VSTART
-
141516
V
Stop threshold voltage
VSTOP
After turn on
9
10
11
V
OSCILLATOR SECTION
Initial accuracy
FOSC
KA1M0680B
61
67
73
kHz
KA1M0680RB
61
67
73
KA1H0680B
90
100
110
KA1H0680RFB
90
100
110
Frequency change with temperature (2)
∆F/∆T
−25°C ≤ Ta ≤ +85°C-
±5
±10
%
Maximum duty cycle
Dmax
KA1M0680B
74
77
80
%
KA1M0680RB
74
77
80
KA1H0680B
64
67
70
KA1H0680RFB
64
67
70
FEEDBACK SECTION
Feedback source current
IFB
Ta=25
°C, 0V ≤ Vfb ≤ 3V
0.7
0.9
1.1
mA
Shutdown Feedback voltage
VSD
-6.9
7.5
8.1
V
Shutdown delay current
Idelay
Ta=25
°C, 5V ≤ Vfb ≤ VSD
4.0
5.0
6.0
µA
SOFT START SECTION
Soft Start Voltage
VSS
VFB =2V
4.7
5.0
5.3
V
Soft Start Current
ISS
Sync & S/S=GND
0.8
1.0
1.2
mA
REFERENCE SECTION
Output voltage (1)
Vref
Ta=25
°C
4.805.005.20
V
Temperature Stability (1)(2)
Vref/
∆T
−25°C ≤ Ta ≤ +85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT (SELF-PROTECTION) SECTION
Peak Current Limit
IOVER
Max. inductor current
3.52
4.00
4.48
A
PROTECTION SECTION
Thermal shutdown temperature (Tj) (1)
TSD
-
140
160
-
°C
Over voltage protection voltage
VOVP
-
232528
V
TOTAL DEVICE SECTION
Start Up current
ISTART
VCC=14V
0.1
0.3
0.45
mA
Operating supply current
(control part only)
IOP
Ta=25
°C
6
12
18
mA
VCC zener voltage
VZ
ICC=20mA
30
32.5
35
V


Número de pieza similar - KA1M0680B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA1M0680B-TU FAIRCHILD-KA1M0680B-TU Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA1M0680B-YDTU FAIRCHILD-KA1M0680B-YDTU Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
More results

Descripción similar - KA1M0680B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com