Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3302NX Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza LM3302NX
Descripción Electrónicos  Quad Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM3302NX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  LM3302NX Datasheet HTML 1Page - Fairchild Semiconductor LM3302NX Datasheet HTML 2Page - Fairchild Semiconductor LM3302NX Datasheet HTML 3Page - Fairchild Semiconductor LM3302NX Datasheet HTML 4Page - Fairchild Semiconductor LM3302NX Datasheet HTML 5Page - Fairchild Semiconductor LM3302NX Datasheet HTML 6Page - Fairchild Semiconductor LM3302NX Datasheet HTML 7Page - Fairchild Semiconductor LM3302NX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM2901,LM339/LM339A,LM3302 LM239/LM239A
4
Electrical Characteristics (Continued)
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Note:
1. LM339/LM339A : 0
≤ TA ≤ +70°C
LM2901/LM3302 : -40
≤ TA ≤ +85°C
LM239/LM239A : -25
≤ TA ≤ +85°C
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
LM2901
LM3302
Unit
Min.
Typ. Max. Min.
Typ. Max.
Input Offset Voltage
VIO
VO(P) =1.4V, RS = 0
-2
7
-
2
20
mV
Note1
-
9
15
-
-
40
Input Offset Current
IIO
-
2.3
50
-
3
100
nA
Note1
-
50
200
-
-
300
Input Bias Current
IBIAS
-
57
250
-
57
250
nA
Note1
-
200
500
-
-
1000
Input Common
Mode Voltage
Range
VI(R)
LM2901, VCC =30V
LM3302, VCC =28V
0-
VCC
-1.5
0-
VCC
-1.5
V
Note1
0
-
VCC
-2
0-
VCC
-2
Supply Current
ICC
RL =
∞, VCC=5V
-
1.1
2.0
-
1.1
2.0
mA
RL =
∞,VCC=30V
(LM3302, VCC =28V)
-
1.6
2.5
-
1.6
2.5
Voltage Gain
GV
VCC =15V, RL
≥ 15kΩ
(for large swing)
25
100
-
2
30
-
V/
mV
Large Signal
Response Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL =5V, RL =5.1k
(Note2)
-
300
-
-
300
-
ns
Response Time
TRES
VRL = 5V, RL = 5.1k
Ω (Note2)
-
1.3
-
-
1.3
-
µs
Output Sink Current
ISINK
VI(-)
≥ 1V, VI(+) =0V, VO(P) ≤ 1.5V
6
18
-
6
18
-
mA
Output Saturation
Voltage
VSAT
VI(-)
≥ 1V, VI(+) = 0V
-
140
400
-
140
400
mV
ISINK =4mA
Note1
-
-
700
-
-
700
Output Leakage
Current
IO(LKG)
VI(-) = 0V
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) = 30V
-
-
1.0
-
-
1.0
µA
Differential Voltage
VI(DIFF)
Note1
-
-36-
-28
V


Número de pieza similar - LM3302NX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3302N NSC-LM3302N Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Intersil Corporation
LM3302N INTERSIL-LM3302N Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
LM3302N INTERSIL-LM3302N Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Texas Instruments
LM3302N TI1-LM3302N Datasheet
791Kb / 12P
[Old version datasheet]   Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
LM3302NE4 TI1-LM3302NE4 Datasheet
791Kb / 12P
[Old version datasheet]   Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
More results

Descripción similar - LM3302NX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com