Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB1AHF-M-24V Datasheet(PDF) 7 Page - Panasonic Semiconductor

No. de pieza CB1AHF-M-24V
Descripción Electrónicos  MINI-ISO AUTOMOTIVE RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1AHF-M-24V Datasheet(HTML) 7 Page - Panasonic Semiconductor

  CB1AHF-M-24V Datasheet HTML 1Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 2Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 3Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 4Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 5Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 6Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 7Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 8Page - Panasonic Semiconductor CB1AHF-M-24V Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
3. Bracket type
External dimensions
16.0
6.0
25.0
16.0
4.0
±0.1
1.7
5.4
±0.1 dia.
22.0
11.0
5
×6.3
26.0
4.0
8
17.9
0.8
8.4
2.6
8.4
16.8
.315
.705
.031
.331
.102
.331
.661
.630
.236
.984
.630
.067
.866
.433
5
×.248
1.024
.157
.157
±.004
.213
±.004
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
86
30
85
87
87a
1 Form A
1 Form C
Including resistor type also available
Including resistor type also available
CAD Data
4. High contact capacity type (1 Form A) (Plug-in type)
External dimensions
2
×6.3±0.08
2
×.248±.003
4
×1.7 dia. hole
4
×.067 dia. hole
2
×9.5±0.08
2
×.374±.003
87
30
85
86
16.8
8.4
2.6
0.8
1.2
8.4
17.9
22.0
26.5
11.0
15.0
25.5
4.0
5.8
.661
.331
.102
.031
.047
.705
.866
1.043
.433
.591
1.004
.157
.228
.331
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
Including resistor type also available
CAD Data


Número de pieza similar - CB1AHF-M-24V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nais(Matsushita Electri...
CB1AHF-M-24V NAIS-CB1AHF-M-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1AHF-M-24V PANASONIC-CB1AHF-M-24V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
More results

Descripción similar - CB1AHF-M-24V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
SC792 PICKER-SC792_17 Datasheet
885Kb / 2P
   4 / 5 Pin Mini ISO Automotive Relay Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com