Nombre de pieza
         Descripción
MC79XX

 3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS ( 15 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 6 page
background image
MC79XX (LM79XX) (KA79XX/A)
FIXED VOLTAGE REGULATOR (NEGATIVE)
LM7912 ELECTRICAL CHARACTERISTICS
(VI= 18V, lO =500mA, 0
°C ≤T
J
≤ +125°C, C
I =2.2
µF, C
O = 1
µF, unless otherwise specified.)
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ = +25
°C
-11.5
-12
-12.5
Output Voltage
VO
IO = 5mA to 1A, PO 15W
VI = -15.5 to -27V
-11.4
-12
-12.6
V
VI = -14.5 to -30V
12
240
VI= -16 to -22V
6
120
TJ =+ 25
°C
IO = 5mA to 1.5A
12
240
TJ =+ 25
°C
IO = 250 to 750mA
4
120
Quiescent Current
IQ
TJ =+ 25
°C
3
6
mA
IO = 5mA to 1A
0.05
0.5
VI = -15 to -30V
0.1
1
Temperature Coefficient of VD
∆V
O/
∆T
IO = 5mA
-0.8
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+ 25
°C
200
µV
Ripple Rejection
RR
f = 120Hz
∆V
I = 10V
54
60
dB
Dropout Voltage
VD
TJ= +25
°C
IO = 1A
2
V
Short Circuit Current
ISC
TJ=+ 25
°C, V
I = -35V
300
mA
Peak Current
IPK
TJ=+ 25
°C
2.2
A
Line Regulation
Load Regulation
∆V
O
∆V
O
mV
TJ = 25
°C
mV
Quiescent Current Change
∆I
Q
mA
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM79LXXA3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreBoca Semiconductor Corporation
LM137HV3-Terminal Adjustable Negative Regulators High Voltage 1 2 3 4 5 MoreNational Semiconductor
MC78LXXA3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreBoca Semiconductor Corporation
TA79L0053-TERMINAL NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
HA179L003-terminal Negative Fixed Voltage Regulators 1 2 3 4 5 MoreHitachi Semiconductor
TA79L05F3-TERMINAL NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ79003-Terminal Negative Output Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM79L00LM79L00 Series 3-Terminal Negative Output voltage Regulators 1 2 3 4 5 MoreFirst Components International
LM79XX3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM79XXLM79XX Series 3-Terminal Negative Regulators 1 2 3 4 5 MoreNational Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl