Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC79M08CT Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza MC79M08CT
Descripción Electrónicos  3-Terminal 0.5A Negative Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79M08CT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MC79M08CT Datasheet HTML 1Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 2Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 3Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 4Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 5Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 6Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 7Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 8Page - Fairchild Semiconductor MC79M08CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC79MXX
2
Absolute Maximum Ratings
Electrical Characteristics (MC79M05)
(Refer to test circuit, 0
°C ≤TJ ≤ +125 °C, lO =350mA, VI = -10V,unless otherwise specified, CI =0.33µF,CO=0.1µF)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Value
Unit
Input Voltage(for VO = -5V to -18V)
(for VO = -24V)
VI
VI
-35
-40
V
V
Thermal Resistance Junction-Cases
R
θJC
5
°C /W
Thermal Resistance Junction-Air
R
θJA
65
°C /W
Operating Temperature Range
TOPR
0 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +125
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ= +25
°C
-4.8
-5
-5.2
V
IO = 5mA to 350mA
VI = -7V to -25V
-4.75
-5
-5.25
Line Regulation (Note1)
∆VO
TJ =+25
°C
VI = -7V to -25V
-
7.0
50
mV
VI = -8V to -25V
-
2.0
30
Load Regulation (Note1)
∆VO
IO = 5mA to 500mA
TJ = +25
°C
-
30
100
mV
Quiescent Current
IQ
TJ= +25
°C-
3.0
6.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.4
mA
IO = 200mA
VI = -8V to -25V
--
0.4
Output Voltage Drift
∆Vo/∆TIO = 5mA
-
-0.2
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz, 100KHz
TA = +25
°C
-40
-
µV
Ripple Rejection
RR
f = 120Hz
VJ= -8 to -18V
54
60
-
dB
Dropout Voltage
VD
TJ =+25
°C, IO = 500mA
-
1.1
-
V
Short Circuit Current
ISC
TJ= +25
°C, VI = -35V
-
140
-
mA
Peak Current
IPK
TJ= +25
°C
-
650
-
mA


Número de pieza similar - MC79M08CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC79M08CT MOTOROLA-MC79M08CT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M08CT ONSEMI-MC79M08CT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M08CT ONSEMI-MC79M08CT Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M08CTG ONSEMI-MC79M08CTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M08CTG ONSEMI-MC79M08CTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
More results

Descripción similar - MC79M08CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com