Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7313TRPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF7313TRPBF
Descripción Electrónicos  Generation V Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7313TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7313TRPBF Datasheet HTML 1Page - International Rectifier IRF7313TRPBF Datasheet HTML 2Page - International Rectifier IRF7313TRPBF Datasheet HTML 3Page - International Rectifier IRF7313TRPBF Datasheet HTML 4Page - International Rectifier IRF7313TRPBF Datasheet HTML 5Page - International Rectifier IRF7313TRPBF Datasheet HTML 6Page - International Rectifier IRF7313TRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7313PbF
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
Fig 5. Normalized On-Resistance
Vs. Temperature
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
5.8A
0
40
80
120
160
200
25
50
75
100
125
150
J
A
Starting T , Junction Temperature (°C)
I
TOP
1.8A
3.2A
BOTTOM 4.0A
D
0.020
0.024
0.028
0.032
0.036
0.040
0
1020
3040
A
I , Drain Current (A)
D
V
= 10V
GS
V
= 4.5V
GS
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
3
6
9
12
15
A
GS
V
, Gate-to-Source Voltage (V)
I
= 5.8A
D
ID


Número de pieza similar - IRF7313TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
IRF7313TRPBF VBSEMI-IRF7313TRPBF Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - IRF7313TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com