Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF301G Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

No. de pieza UF301G
Descripción Electrónicos  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF301G Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF301G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF301G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULT RAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• Void-free Plastic in DO-201AD package
• 2.0 ampere operation at TA=55 J with no thermal runaway
• Exceeds environmental standards of MIL-S-19500/228
• Ultra fast switching for high efficiency
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
• Case: Glass passivation, DO-201AD
• Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
• Polarity: Band denotes cathode
• Mounting Position: Any
• Weight: 0.041 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
UF300G UF301G UF302G UF304G UF306G UF308G UF3010G
UNITS
Peak Reverse Voltage, Pepet itive ; VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Bl ocki ng Voltage; VR
50
100
200
400
600
800
1000
V
Average Forward Current, Io @TA=55
3.8”
lead l ength, 60Hz, resistive or inductive load
3.0
A
Peak Forward Surge Current IFM (surge)
8.3msec . single half sine-wave superimposed
on rated load (JEDEC method)
150
A
Maximum For ward Voltage VF @1.0A, 25
1.00
1.3
1.5
1.7
V
Maxi mum Reverse Current, @ Rated TA =25
Reverse Voltage TA=100
10.0
500
µA
µA
Typical Junction capacitance (Note 1) CJ
75.0
50.0
pF
Typical Junction Resi stance (Note 2) R JA
20.0
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
75
ns
Operating and Storage Temperature Range
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
.375 (9.5)
.285 (7.2)
.210 (5.3)
.188 (4.8)
.052 (1.3)
.048 (1.2)
DIA.
DIA.
DO-201AD Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DATA SHEET
UF300G~UF3010G
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C/W
°C
°C
°C
°C
SYMBOL
VF
IR
CJ
R
θJL
TRR
TSTG


Número de pieza similar - UF301G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF301G PANJIT-UF301G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
UF301G TRSYS-UF301G Datasheet
157Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF301G PANJIT-UF301G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF301G PANJIT-UF301G Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
logo
Zibo Seno Electronic En...
UF301G ZSELEC-UF301G Datasheet
139Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
More results

Descripción similar - UF301G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
UF300 YEASHIN-UF300 Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Pan Jit International I...
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Yea Shin Technology Co....
UF200G YEASHIN-UF200G Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
UF200 PANJIT-UF200 Datasheet
66Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Yea Shin Technology Co....
UF200 YEASHIN-UF200 Datasheet
36Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
PS300R PANJIT-PS300R Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com