Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML2003IQ Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza ML2003IQ
Descripción Electrónicos  Logarithmic Gain/Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2003IQ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ML2003IQ Datasheet HTML 1Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 2Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 3Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 4Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 5Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 6Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 7Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 8Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRODUCT SPECIFICATION
ML2003, ML2004
REV. 1.1.1 3/19/01
5
Timing Diagram
Figure 1. Serial Mode Timing Diagram
SCK
tSCK
tSCK
tS
tIS
tIH
tOS
tOH
tIPW
tOPW
tPLD
tD
tH
SID
SOD
SCK
LATI
LATO
SOD
TIMING PARAMETERS ARE REFERENCED TO THE 1.4 VOLT MIDPOINT.
Typical Performance Curves
Figure 2. Amplitude vs Frequency (VIN/VOUT = .5VRMS)
Figure 3. Amplitude vs Frequency (VIN/VOUT = 2VRMS)
0
0
-0.5
FREQUENCY (Hz)
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.40
-0.45
-0.50
100
1K
10K
100K
-0.5
FREQUENCY (Hz)
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.40
-0.45
-0.50
100
1K
10K
100K
ATTEN: VIN = 0.5VRMS
GAIN: VIN = 0.5VRMS/GAIN SETTING
ATTEN: VIN = 2VRMS
GAIN: VIN = 2VRMS/GAIN SETTING
GAIN = +24dB
GAIN = +18dB
GAIN = +12dB
GAIN = +0, -24dB
GAIN = +24dB
GAIN = 0dB
GAIN = –24dB


Número de pieza similar - ML2003IQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2003IQ MICRO-LINEAR-ML2003IQ Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
More results

Descripción similar - ML2003IQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
ML2008 MICRO-LINEAR-ML2008 Datasheet
155Kb / 11P
   關P Compatible Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
   Dual Inverting Log Gain/Attenuator
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
   LOGARITHMIC DETECTOR
logo
Texas Instruments
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
   Logarithmic Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com