Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML2036 Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza ML2036
Descripción Electrónicos  Serial Input Programmable Sine Wave Generator with Digital Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2036 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ML2036 Datasheet HTML 4Page - Fairchild Semiconductor ML2036 Datasheet HTML 5Page - Fairchild Semiconductor ML2036 Datasheet HTML 6Page - Fairchild Semiconductor ML2036 Datasheet HTML 7Page - Fairchild Semiconductor ML2036 Datasheet HTML 8Page - Fairchild Semiconductor ML2036 Datasheet HTML 9Page - Fairchild Semiconductor ML2036 Datasheet HTML 10Page - Fairchild Semiconductor ML2036 Datasheet HTML 11Page - Fairchild Semiconductor ML2036 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PRODUCT SPECIFICATION
ML2036
REV. 1.0.2 7/26/01
10
Typical Applications
Figure 7. 4-Wire Termination Equipment.
Figure 8. Sine Wave Generator with ± 2.5VP-P.
RECEIVE
LINE
INTERFACE
ML2003
ML2004
ATTENUATION
/GAIN
TONE
DETECTOR
TRANSMIT
LINE
INTERFACE
ML2036
TONE
GENERATOR
LOOPBACK
RELAY
ML2021
LINE
EQUALIZER
µP
ML2003
ML2004
ATTENUATION
/GAIN
5V
–5V
ML2036
0.1
µF
0.1
µF
VCC
GND
VSS
GAIN
VOUT
VREF
2.5V
REF


Número de pieza similar - ML2036

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CP MICRO-LINEAR-ML2036CP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CS MICRO-LINEAR-ML2036CS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IP MICRO-LINEAR-ML2036IP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IS MICRO-LINEAR-ML2036IS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
More results

Descripción similar - ML2036

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
   Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
   Sine-wave PWM control
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com