Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML4801CS Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza ML4801CS
Descripción Electrónicos  Variable Feedforward PFC/PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4801CS Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ML4801CS Datasheet HTML 5Page - Fairchild Semiconductor ML4801CS Datasheet HTML 6Page - Fairchild Semiconductor ML4801CS Datasheet HTML 7Page - Fairchild Semiconductor ML4801CS Datasheet HTML 8Page - Fairchild Semiconductor ML4801CS Datasheet HTML 9Page - Fairchild Semiconductor ML4801CS Datasheet HTML 10Page - Fairchild Semiconductor ML4801CS Datasheet HTML 11Page - Fairchild Semiconductor ML4801CS Datasheet HTML 12Page - Fairchild Semiconductor ML4801CS Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ML4801
REV. 1.1 3/9/2001
9
operating frequency can typically be approximated by:
(5)
EXAMPLE:
For the application circuit shown in the data sheet, with
the oscillator running at:
Solving for RT x CT yields 2 x 10-4. Selecting standard
components values, CT = 270pF, and RT = 36.5kΩ.
PWM SECTION
The PWM section of the ML4801 is straightforward, but
there are several points which should be noted. Foremost
among these is its inherent synchronization to the PFC
section of the device, and that the PWM stage is
optimized for current-mode operation. In the ML4801, the
operating frequency of the PFC section is fixed at 1/2 of
the PWM's operating frequency. This is done through the
use of a 2:1 digital frequency divider ("T" flip-flop) linking
the two functional sections of the IC.
No voltage error amplifier is included in the PWM stage
of the ML4801, as this function is generally performed on
the output side of the PWM’s isolation boundary. To
facilitate the design of optocoupler feedback circuitry, an
offset has been built into the PWM’s RAMP 2 input which
allows VDC to command a zero percent duty cycle for
input voltages below 1.25V.
PWM Current Limit
The RAMP 2 pin provides a direct input to the cycle-by-
cycle current limiter for the PWM section. Should the
input voltage at this pin ever exceed 1.5V, the output of
the PWM will be disabled until the output flip-flop is reset
by the clock pulse at the start of the next PWM power
cycle.
VIN OK Comparator
The VIN OK comparator monitors the DC output of the
PFC and inhibits the PWM if this voltage on VFB is less
than its nominal 2.5V. Once this voltage reaches 2.5V,
which corresponds to the PFC output capacitor being
charged to its rated boost voltage, the soft-start
commences.
PWM Control (RAMP 2)
In addition to its PWM current limit function, RAMP 2 is
used as the sampling point for a voltage representing the
current in the primary of the PWM’s output transformer.
This voltage may be derived either by a current sensing
resistor or a current transformer.
Soft Start
Start-up of the PWM is controlled by the selection of the
external capacitor at SS. A current source of 25
µA
supplies the charging current for the capacitor, and start-
up of the PWM begins at 1.25V. Start-up delay can be
programmed by the following equation:
(6)
where CSS is the required soft start capacitance, and
tDELAY is the desired start-up delay.
It is important that the time constant of the PWM soft-start
allow the PFC time to generate sufficient output power for
the PWM section. The PWM start-up delay should be at
least 5ms.
Solving for the minimum value of CSS:
Generating VCC
The ML4801 is a voltage-fed part. It requires an external
15V
±10% or better Zener shunt voltage regulator, or some
other VCC regulator, to maintain the voltage supplied to
the part at 15V nominal. This allows a low power
dissipation while at the same time delivering 13V
nominal of gate drive at the PWM OUT and PFC OUT
outputs. If using a Zener diode, it is important to limit the
current through the Zener to avoid overheating or
destroying it. This can be easily done with a single resistor
in series with the Vcc pin, returned to a bias supply of
typically 18V to 20V. The resistor’s value must be chosen
to meet the operating current requirement of the ML4801
itself (8.5mA max.) plus the current required by the two
gate driver outputs.
EXAMPLE:
With a VBIAS of 20V, a VCC limit of 16.5V (max) and
driving a total gate charge of 110nC at 100kHz (1 IRF840
MOSFET and 2 IRF830 MOSFETs), the gate driver current
required is:
The ML4801 should be locally bypassed with a 10nF and
a 1
µF ceramic capacitor. In most applications, an
electrolytic capacitor of between 33
µF and 100µF is also
required across the part, both for filtering and as part of
the start-up bootstrap circuitry.
FUNCTIONAL DESCRIPTION (Continued)
operating frequency can typically be approximated by:
f
t
OSC
RAMP
=
1
(5)
EXAMPLE:
For the application circuit shown in the data sheet, with
the oscillator running at:
fkHz
t
OSC
RAMP
==
100
1
tR
C
RAMP
T
T
´
= ´
-
051
1 10
5
.
Solving for RT x CT yields 2 x 10-4. Selecting standard
components values, CT = 270pF, and RT = 36.5kΩ.
PWM SECTION
The PWM section of the ML4801 is straightforward, but
there are several points which should be noted. Foremost
among these is its inherent synchronization to the PFC
section of the device, and that the PWM stage is
optimized for current-mode operation. In the ML4801, the
operating frequency of the PFC section is fixed at 1/2 of
the PWM's operating frequency. This is done through the
use of a 2:1 digital frequency divider ("T" flip-flop) linking
the two functional sections of the IC.
No voltage error amplifier is included in the PWM stage
of the ML4801, as this function is generally performed on
the output side of the PWM’s isolation boundary. To
facilitate the design of optocoupler feedback circuitry, an
offset has been built into the PWM’s RAMP 2 input which
allows VDC to command a zero percent duty cycle for
input voltages below 1.25V.
PWM Current Limit
The RAMP 2 pin provides a direct input to the cycle-by-
cycle current limiter for the PWM section. Should the
input voltage at this pin ever exceed 1.5V, the output of
the PWM will be disabled until the output flip-flop is reset
by the clock pulse at the start of the next PWM power
cycle.
VIN OK Comparator
The VIN OK comparator monitors the DC output of the
PFC and inhibits the PWM if this voltage on VFB is less
than its nominal 2.5V. Once this voltage reaches 2.5V,
which corresponds to the PFC output capacitor being
charged to its rated boost voltage, the soft-start
commences.
PWM Control (RAMP 2)
In addition to its PWM current limit function, RAMP 2 is
used as the sampling point for a voltage representing the
current in the primary of the PWM’s output transformer.
This voltage may be derived either by a current sensing
resistor or a current transformer.
Soft Start
Start-up of the PWM is controlled by the selection of the
external capacitor at SS. A current source of 25µA
supplies the charging current for the capacitor, and start-
up of the PWM begins at 1.25V. Start-up delay can be
programmed by the following equation:
Ct
A
V
SS
DELAY
25
125
µ
.
(6)
where CSS is the required soft start capacitance, and
tDELAY is the desired start-up delay.
It is important that the time constant of the PWM soft-start
allow the PFC time to generate sufficient output power for
the PWM section. The PWM start-up delay should be at
least 5ms.
Solving for the minimum value of CSS:
Cms
A
V
nF
SS
=
5
25
125
100
µ
.
Generating VCC
The ML4801 is a voltage-fed part. It requires an external
15V±10% or better Zener shunt voltage regulator, or some
other VCC regulator, to maintain the voltage supplied to
the part at 15V nominal. This allows a low power
dissipation while at the same time delivering 13V
nominal of gate drive at the PWM OUT and PFC OUT
outputs. If using a Zener diode, it is important to limit the
current through the Zener to avoid overheating or
destroying it. This can be easily done with a single resistor
in series with the Vcc pin, returned to a bias supply of
typically 18V to 20V. The resistor’s value must be chosen
to meet the operating current requirement of the ML4801
itself (8.5mA max.) plus the current required by the two
gate driver outputs.
EXAMPLE:
With a VBIAS of 20V, a VCC limit of 16.5V (max) and
driving a total gate charge of 110nC at 100kHz (1 IRF840
MOSFET and 2 IRF830 MOSFETs), the gate driver current
required is:
IkHz
nC
mA
GATEDRIVE
=
100
110
11
R
VV
mA
mA
BIAS =
-
+
=
20
16 5
75
11
180
.
.
The ML4801 should be locally bypassed with a 10nF and
a 1
µF ceramic capacitor. In most applications, an
electrolytic capacitor of between 33µF and 100µF is also
required across the part, both for filtering and as part of
the start-up bootstrap circuitry.


Número de pieza similar - ML4801CS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4801CS MICRO-LINEAR-ML4801CS Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
More results

Descripción similar - ML4801CS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Fairchild Semiconductor
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com