Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML4805 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza ML4805
Descripción Electrónicos  Variable Feedforward PFC/PWM Controller Combo
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4805 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ML4805 Datasheet HTML 1Page - Fairchild Semiconductor ML4805 Datasheet HTML 2Page - Fairchild Semiconductor ML4805 Datasheet HTML 3Page - Fairchild Semiconductor ML4805 Datasheet HTML 4Page - Fairchild Semiconductor ML4805 Datasheet HTML 5Page - Fairchild Semiconductor ML4805 Datasheet HTML 6Page - Fairchild Semiconductor ML4805 Datasheet HTML 7Page - Fairchild Semiconductor ML4805 Datasheet HTML 8Page - Fairchild Semiconductor ML4805 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 1998
PRELIMINARY
ML4805
Variable Feedforward PFC/PWM Controller Combo
GENERAL DESCRIPTION
The ML4805 is a controller for power factor corrected,
switched mode power supplies. Similar to the ML4801,
the ML4805 may be used for voltage mode operation. Key
features of this combined PFC and PWM controller are
low start-up and operating currents. Power Factor
Correction (PFC) allows the use of smaller, lower cost
bulk capacitors, reduces power line loading and stress on
the switching FETs, and results in a power supply that
fully complies with IEC1000-2-3 specifications. The
ML4805 includes circuits for the implementation of a
leading edge, average current “boost” type power factor
correction and a trailing edge pulse width modulator.
The PFC frequency of the ML4805 is automatically set at
half that of the PWM frequency generated by the internal
oscillator. This technique allows the user to design with
smaller output components while maintaining the
optimum operating frequency for the PFC. An over-
voltage comparator shuts down the PFC section in the
event of a sudden decrease in load. The PFC section also
includes peak current limiting and input voltage brown-
out protection.
FEATURES
I Internally synchronized PFC and PWM in one IC
I Low start-up current (200
µA typ.)
I Low operating current (5.5mA typ.)
I Low total harmonic distortion
I Reduces ripple current in the storage capacitor
between the PFC and PWM sections
I Average current continuous boost leading edge PFC
I High efficiency trailing edge PWM optimized for
voltage mode operation
I Current fed gain modulator for improved noise
immunity
I Brown-out control, overvoltage protection, UVLO, and
soft start
BLOCK DIAGRAM
17
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
UVLO
VREF
PULSE WIDTH MODULATOR
POWER FACTOR CORRECTOR
2.5V
+
-
-
+
18
2
4
3
7.5V
REFERENCE
16
VCC
15
VCC
VEA
8
+
IEA
1
+
-
+
-
PFC OUT
14
S
R
Q
Q
S
R
Q
Q
2.75V
-1V
RAMP 2
9
PWM OUT
PGND
ILIM
13
S
R
Q
Q
VDC
6
SS
AGND
5
RTCT
7
VCC
DUTY CYCLE
LIMIT
+
-
1.5V
-
+
2.5V
VFB
-
+
8V
8V
VIN OK
GAIN
MODULATOR
VCC
÷2
1.6k
1.6k
1.25V
25µA
-
+
DC ILIMIT
10
12
11
REV. 1.1 3/9/2001


Número de pieza similar - ML4805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4805CP MICRO-LINEAR-ML4805CP Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4805CS MICRO-LINEAR-ML4805CS Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4805IP MICRO-LINEAR-ML4805IP Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4805IS MICRO-LINEAR-ML4805IS Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results

Descripción similar - ML4805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Fairchild Semiconductor
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com