Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC7448VS1267NC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MC7448VS1267NC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 12 page MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6 Freescale Semiconductor 11 Document Revision History Document Revision History Table B provides a revision history for this part number specification. Table B. Document Revision History Revision Date Substantive Change(s) 6 3/2007 Added MC7448HX800N x, MC7448VS800Nx, MC7448VU800Nx, PPC7448HX800Nx, PPC7448VS800N x, and PPC7448VU800Nx to the first page list of Freescale Part Numbers Affected. Table A: Added MC7448HX800Nx, MC7448VS800Nx, MC7448VU800Nx, PPC7448HX800Nx, PPC7448VS800Nx, and PPC7448VU800Nx rows. Section 4, “General Parameters”: Added 800 MHz information. Table 4: Added 800 MHz to the 600 - 1000 MHz column. Table 7: Combined 600 MHz and 667 MHz columns (same specifications); added 800 MHz to 867 MHz column (same specifications). Table 8: Added 800 MHz column with associated specifications. Table 11: Added 800 MHz row. Table 17: Added 800 MHz to the 600 - 1000 MHz Processor Frequency cell. 5 10/2006 Added revision level D device information. Table A and in list of Freescale Part Numbers Affected on first page: x stands for C or D revision level. Added PPC7448HX1267N x, PPC7448VS1267Nx, and PPC7448VU1267Nx to the first page list of Freescale Part Numbers Affected. Table A: Added PPC7448HX1267NC, PPC7448HX1267ND, PPC7448VS1267NC, PPC7448VS1267ND, PPC7448VU1267NC, and PPC7448VU1267ND rows. Section 4, “General Parameters”: Added 1267 MHz revision level D information. Table 4: Added 1267 MHz revision D only column. Table 17: Removed specification modifier ‘T’ column. Table 17: Added PVR and 1267 information for revision level D. Figure 23: Removed ‘T’ from part numbering. 4 6/2006 Added support for voltage and frequency derating for 1267 MHz devices. 3 4/2006 Added 1267 MHz device. Increased VDD and AVDD specifications for 1400 MHz devices with date code 0613 and later. 2 1/2006 Table 7: Corrected processor frequency from 867 MHz to 667 MHz (867 MHz appeared twice) so that top row shows 600 MHz, 667 MHz, 867 MHz, 1000 MHz, 1250 MHz, 1400 MHz. 1 12/2005 Table 7: Added power specifications for low power modes and for Typical – Thermal condition, changed name of “Typical” power specification to “Typical – Nominal”. Table 8: Added minimum core frequency and DFS mode frequency information. Table 11: Added voltage derating information for 1400 MHz devices; this feature is not supported at this time for other speed grades. Added Section 9.3 (for clarification only). Table 17: Corrected part revision information, added “PPC” product code prefix. 0 9/2005 Initial release. |
Número de pieza similar - MC7448VS1267NC |
|
Descripción similar - MC7448VS1267NC |