Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7448VU667N Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de pieza MC7448VU667N
Descripción Electrónicos  MPC7448 Hardware Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7448VU667N Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC7448VU667N Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 8Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
Freescale Semiconductor
3
PPC7448HX1267ND 1
1267
1.05 V ± 50 mV
0 to 105
Modified core frequency and voltage to reduce
power consumption.
PPC7448HX1400N
x 1
1400
1.1 V ± 50 mV 2
PPC7448VS600N
x 1
600
1.0 V ± 50 mV
PPC7448VS667N
x 1
667
1.0 V ± 50 mV
PPC7448VS800N
x 1
800
1.0 V ± 50 mV
PPC7448VS867N
x 1
867
1.0 V ± 50 mV
PPC7448VS1000N
x 1
1000
1.0 V ± 50 mV
PPC7448VS1250N
x 1
1250
1.1 V ± 50 mV
PPC7448VS1267NC 1
1267
1.1 V ± 50 mV
PPC7448VS1267ND 1
1267
1.05 V ± 50 mV
PPC7448VS1400N
x 1
1400
1.1 V ± 50 mV 2
PPC7448VU600N
x 1
600
1.0 V ± 50 mV
PPC7448VU667N
x 1
667
1.0 V ± 50 mV
PPC7448VU800N
x 1
800
1.0 V ± 50 mV
PPC7448VU867N
x 1
867
1.0 V ± 50 mV
PPC7448VU1000N
x 1
1000
1.0 V ± 50 mV
PPC7448VU1250N
x 1
1250
1.1 V ± 50 mV
PPC7448VU1267NC
1
1267
1.1 V ± 50 mV
PPC7448VU1267ND 1
1267
1.05 V ± 50 mV
PPC7448VU1400N
x 1
1400
1.1 V ± 50 mV 2
Notes:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.
2. See Section 5.1, “DC Electrical Characteristics,” for information regarding VDD specifications for 1400 MHz devices.
Table A. Part Numbers Addressed by This Data Sheet (continued)
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specifications
CPU
Frequency
(MHz)
VDD
Tj
(•C)
C)


Número de pieza similar - MC7448VU667N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC7448VU667NC NXP-MC7448VU667NC Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU667ND NXP-MC7448VU667ND Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU667NX NXP-MC7448VU667NX Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results

Descripción similar - MC7448VU667N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com