Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML4812CQ Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza ML4812CQ
Descripción Electrónicos  Power Factor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4812CQ Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button ML4812CQ Datasheet HTML 7Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 8Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 9Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 10Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 11Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 12Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 13Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 14Page - Fairchild Semiconductor ML4812CQ Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ML4812
REV. 1.0 10/10/2000
11
TYPICAL APPLICATIONS (Continued)
MAGNETICS TIPS
L1 — Main Inductor
As shown in Table 1, one of several toroidal cores can be
used for L1. The T184-40 core above is the most
economical, but has lower inductance at high current.
This would yield higher ripple current and require more
line EMI filtering. The value for RSC (slope compensation
resistor on RAMP COMP) was calculated for the T225-8/
90 and should be recalculated for other inductor
characteristics. The various core manufacturers have a
range of applications literature available. A gapped ferrite
core can also be used in place of the powdered iron core.
One such core is a Philips Components (Ferroxcube) core
#4229PL00-3C8. This is an ungapped core. Using 145
turns of #24 AWG wire, a total air gap of 0.180" is
required to give a total inductance of about 2mH. Since
1/2 of the gap will be on the outside of the core and 1/2
the gap on the inside, putting a 0.09" spacer in the center
will yield a 0.180" total gap. To prevent leakage fields
from generating RFI, a shorted turn of copper tape should
be wrapped around the gap as shown in Figure 11. For
production, a gapped center leg can be ordered from most
core vendors, eliminating the need for the external
shorted copper turn when using a potentiometer core.
COPPER FOIL
SHORTED TURN
0.09" GAP
Figure 11. Copper Foil Shorted Turn
MATERIAL
MANUFACTURER
PART #
TURNS (#24AWG)
Powdered Iron
Micrometals
T225-8/90
200
Powdered Iron
Micrometals
T184-40
120
Molypermalloy
SPANG (Mag. Inc.)
58076-A2 (high flux)
180
Table 1. Toroidal Cores (L1)
T1 — Sense Transformer
In addition to the core type mentioned in the parts list, the
following Siemens cores should be suitable for
substitution and may be more readily available in Europe.
MATERIAL
SIZE CODE
PART #
N27
R16/6.3
B64290-K45-X27
N30
R16/6.3
B64290-K45-X830
The N27 material is for high frequency and will work
better above 100KHz but both are adequate. In addition,
Philips Components (Ferroxcube) core 768T188-3C8 can
be used. Please also refer to the list of core vendors below
SPANG/Magnetics Inc.
1 (800) 245-3984, or
(412) 282-8282
Micrometals
1 (800) 356-5977
Philips Components
(914) 247-2064


Número de pieza similar - ML4812CQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4812CQ MICRO-LINEAR-ML4812CQ Datasheet
215Kb / 16P
   Power Factor Controller
More results

Descripción similar - ML4812CQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com